Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC62320HB Datasheet(PDF) 3 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320HB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320HB Datasheet(HTML) 3 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320HB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 3 of 8
4/11/2010
I2C INTERFACE I/O CHARACTERISTICS
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Logic Input Low Level
VIL
-0.5
0.6
V
Logic Input High Level
VIH
1.4
V
Hysteresis of Schmitt input
Vhys
0.2
V
Logic Output Low Level
VOL
0.4
Input Leakage Current
Ii
0.1Vdd<Vin<0.9Vdd
-10
10
µA
SCL Clock Frequency
fSCL
0
400
kHz
START Hold Time
tHD;STA
0.6
µS
START Setup Time
tSU;STA
0.6
µS
LOW period of SCL
tLOW
1.3
µS
HIGH period of SCL
tHIGH
0.6
µS
Data Hold Time
tHD;DAT
0
0.9
µS
Data Setup Time
tSU;DAT
0.1
µS
Rise Time
tr
From VIL to VIH
0.3
µS
Fall Time
tf
From VIH to VIL
0.3
µS
Bus Free Time Between STOP and
START
tBUF
1.3
µS
STOP Setup Time
tSU;STO
0.6
µS
Timing Definition
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD)
………………...-0.5 V to +7.0V
SDA
SCL
tf
tr
tLOW
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;STA
Sr
S
tSU;STO
tSP
S
P
tf
tr
tBUF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com