Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC62320MB Datasheet(PDF) 4 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320MB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320MB Datasheet(HTML) 4 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320MB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320MB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 4 of 8
4/11/2010
Storage Temperature ……….…………-65
°C to +150°C
Acceleration ……………………………………..50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Pin Description: LCC-8 Package
Pin
Name
Description
I/O
1
NC
Do Not Connect
NC
2
COM
Connected to Ground
I
3
GND
Connected to Ground
I
4
TEST
Do Not Connect
NC
5
VDD2
Power Supply for I2C bus
I
6
SCL
Serial Clock Line for I2C bus
I
7
SDA
Serial Data Line for I2C bus
I/O
8
VDD
2.7 V to 3.6 V
I
All parts are shipped in tape and reel packaging.
Caution: ESD (electrostatic discharge) sensitive device.
Ordering Guide
MXC6232xGP
Note: The MEMSIC logo’s arrow indicates the -X sensing
direction of the device. The +Y sensing direction is rotated 90°
away from the +X direction following the right-hand rule. Small
circle indicates pin one (1).
Address code: 0~7
Number
Address
0
20H
1
22H
2
24H
3
26H
4
28H
5
2AH
6
2CH
7
2EH
Package type:
Code
Type
P
LCC8
RoHS compliant
B
LCC8, Pb-free
RoHS compliant
Performance Grade:
Code
Temp
Resolution
G
0~70
°C
4096counts
H
0~70
°C
1024counts
M
-40~85
°C
4096counts
N
-40~85
°C
1024counts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com