Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5009MM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5009MM
Description  150 mA, 100V Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5009MM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5009MM Datasheet HTML 3Page - National Semiconductor (TI) LM5009MM Datasheet HTML 4Page - National Semiconductor (TI) LM5009MM Datasheet HTML 5Page - National Semiconductor (TI) LM5009MM Datasheet HTML 6Page - National Semiconductor (TI) LM5009MM Datasheet HTML 7Page - National Semiconductor (TI) LM5009MM Datasheet HTML 8Page - National Semiconductor (TI) LM5009MM Datasheet HTML 9Page - National Semiconductor (TI) LM5009MM Datasheet HTML 10Page - National Semiconductor (TI) LM5009MM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Application Circuit and Block Diagram
Functional Description
The LM5009 Step Down Switching Regulator features all the
functions needed to implement a low cost, efficient, Buck
bias power converter. This high voltage regulator contains a
100 V N-Channel Buck Switch, is easy to implement and is
provided in the MSOP-8 and the thermally enhanced LLP-8
packages. The regulator is based on a hysteretic control
scheme using an on-time inversely proportional to V
IN. The
hysteretic control requires no loop compensation. Current
limit is implemented with forced off-time, which is inversely
proportional to V
OUT. This scheme ensures short circuit pro-
tection while providing minimum foldback. The Functional
Block Diagram of the LM5009 is shown in Figure 1.
The LM5009 can be applied in numerous applications to
efficiently regulate down higher voltages. This regulator is
well suited for 48 Volt Telecom and the 42V Automotive
power bus ranges. Additional features include: Thermal
Shutdown, V
CC under-voltage lockout, Gate drive under-
voltage lockout, Max Duty Cycle limit timer and the intelligent
current limit off timer.
Hysteretic Control Circuit
Overview
The LM5009 is a Buck DC-DC regulator that uses a control
scheme in which the on-time varies inversely with line volt-
age (V
IN). Control is based on a comparator and the on-time
one-shot, with the output voltage feedback (FB) compared to
an internal reference (2.5V). If the FB level is below the
reference the buck switch is turned on for a fixed time
determined by the line voltage and a programming resistor
(R
ON). Following the ON period the switch will remain off for
at least the minimum off-timer period of 300 ns. If FB is still
below the reference at that time the switch will turn on again
for another on-time period. This will continue until regulation
is achieved, at which time the off-time increases based on
the required duty cycle.
The LM5009 operates in discontinuous conduction mode at
light load currents, and continuous conduction mode at
heavy load current. In discontinuous conduction mode, cur-
rent through the output inductor starts at zero and ramps up
to a peak during the on-time, then ramps back to zero before
the end of the off-time. The next on-time period starts when
the voltage at FB falls below the internal reference - until
then the inductor current remains zero. In this mode the
operating frequency is lower than in continuous conduction
mode, and varies with load current. Therefore at light loads
the conversion efficiency is maintained, since the switching
losses reduce with the reduction in load and frequency. The
discontinuous operating frequency can be calculated as fol-
lows:
where R
L = the load resistance
In continuous conduction mode, current flows continuously
through the inductor and never ramps down to zero. In this
mode the operating frequency is greater than the discontinu-
ous mode frequency and remains relatively constant with
load and line variations. The approximate continuous mode
operating frequency can be calculated as follows:
20165801
FIGURE 1.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com