Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09200044713 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09200044713
Description  Han 3A SC Fe, with 4x metal ferule
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09200044713 Datasheet(HTML) 1 Page - HARTING Technology Group

  09200044713 Datasheet HTML 1Page - HARTING Technology Group 09200044713 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 20 004 4713
Han 3A SC Fe, with 4x metal ferule
Han 3A SC Fe, with 4x metal ferule
Image is for illustration purposes only. Please refer to product description.
Part number
09 20 004 4713
Specification
Han 3A SC Fe, with 4x metal ferule
HARTING eCatalogue
https://b2b.harting.com/09200044713
Identification
Category
Inserts
Series
Han-Brid®
Identification
Han® 3 A SC
with 4x metal ferrule
Description of the contact
for FO
Version
Gender
Female
Size
3 A
Number of contacts
4
Details
Please order contacts separately.
Technical characteristics
Insulation resistance
>1010 Ω
Limiting temperature
-40 ... +85 °C
Mating cycles
≥500
Material properties
Material (insert)
Polycarbonate (PC)
Colour (insert)
RAL 7032 (pebble grey)
Material flammability class acc. to UL 94
V-0
Page 1 / 2 | Creation date 2021-10-27 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09200044713

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09200044711 HARTING-09200044711 Datasheet
454Kb / 2P
Han 4A-SC-F Inserts
More results

Similar Description - 09200044713

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
Metal SC-ST & SC-SC Duplex Adapters
logo
Level One
FEU-0511 LVL1-FEU-0511 Datasheet
280Kb / 2P
4 FE plus 1 FE MMF SC Switch
logo
HARTING Technology Grou...
09-20-003-5432 HARTING-09-20-003-5432 Datasheet
471Kb / 2P
Han 3A-metal cover with seal
09-36-003-5409 HARTING-09-36-003-5409 Datasheet
486Kb / 2P
Han Ex-C for HCC Han 3A with seal
09-30-048-0317 HARTING-09-30-048-0317 Datasheet
461Kb / 2P
Han 48B Base with Metal Cover
09-14-004-4713 HARTING-09-14-004-4713 Datasheet
472Kb / 2P
Han SC module, female with metal ferrule
09-14-004-4711 HARTING-09-14-004-4711 Datasheet
473Kb / 2P
Han SC module, female with 4 ferrules
09-20-003-2733 HARTING-09-20-003-2733 Datasheet
516Kb / 2P
Han 3A female insert with Quick-Lock
09-20-003-2633 HARTING-09-20-003-2633 Datasheet
516Kb / 2P
Han 3A male insert with Quick-Lock
09-14-004-4701 HARTING-09-14-004-4701 Datasheet
454Kb / 2P
Han SC module, male
2021-12-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com