Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB16-FBM-RAC-SC-AI16 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB16-FBM-RAC-SC-AI16
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB16-FBM-RAC-SC-AI16 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB16-FBM-RAC-SC-AI16 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB16-FBM-RAC-SC-AI16 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB16-FBM-RAC-SC-AI16 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB16-FBM-RAC-SC-AI16 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HiCTB16-FBM-RAC-SC-AI16
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Typical loop
Application
Module switch settings
Type (AI)
DIP switch
Position
Type (TI)
DIP switch
Position
HiC2025 (current source)
S1
OFF
HiC2081 (source)
S
I
S2
OFF
S3
ON
S4
OFF
For exact pin assignment for connection to field side and control side, see the documentation of the isolated barrier.
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
Foxboro
FBM211
16AI
1b
1a
2
5
1
4
5b
5a
SL2
1b
1a
2
5
1
4
5b
5a
SL2
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
Termination Board
Field side
Control side
X1
Module 1
36
18
SL1
7a
8a
Fault
M1
M16
Module 16
SL1
7a
8a
+-
X20
+
-
12
35
46
F1
F2
24 VDC
24 VDC
Fault
&
1,2,
19,20,
37
21
3
n. c.
36
18
21
3
35
36
20
21
i01-
i01+
i16-
i16+
Foxboro system
cable type 4
mA
5-
1+
2+
1
5-
4
1+
4-
+
-
+
-
V
T
CJC
GND
VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com