Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMF
Description  200W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMF Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMF Series 200W Transient Voltage Suppressor
DESCRIPTION:
TVS diodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
FEATURES:
 Glass passivated or planar junction
 Excellent clamping capability
 Repetition rate (duty cycle): 0.01%
 Typical IR less than 1μA above 10V.
 Low profile package and low inductance
 200W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
 High temperature soldering: 260℃/10s at terminals.
 Plastic package has Underwriters Laboratory Flammability 94V-0.
 For surface mounted applications in order to optimize board space
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Storage temperature range
Tstg
-55 to +125
℃
Operating junction temperature range
Tj
-55 to +125
℃
Steady state power dissipation at TL=75℃
PM(AV)
2.8
W
Peak pulse power dissipation on 10/1000μs
waveform
PPP
200
W
Maximum Instantaneous Forward Voltage at
20A for Unidirectional
VF
5.0
V
SOD-123FL
 AEC-Q101 qualified.
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - SMF

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
More results

Similar Description - SMF

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Taiwan Semiconductor Co...
SMF5.0A TSC-SMF5.0A Datasheet
239Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Guangdong Juxing Electr...
SMF JUXING-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 200W
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
200W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMF5.0AH TSC-SMF5.0AH Datasheet
468Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com