Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS37 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 17Page - Texas Instruments TPS37 Datasheet HTML 18Page - Texas Instruments TPS37 Datasheet HTML 19Page - Texas Instruments TPS37 Datasheet HTML 20Page - Texas Instruments TPS37 Datasheet HTML 21Page - Texas Instruments TPS37 Datasheet HTML 22Page - Texas Instruments TPS37 Datasheet HTML 23Page - Texas Instruments TPS37 Datasheet HTML 24Page - Texas Instruments TPS37 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
8.3.4 User-Programmable Reset Time Delay
TPS37 has adjustable reset release time delay with external capacitors. Channel timing are independent of each
other.
• A capacitor in CTR1 / MR program the reset time delay of Output 1.
• A capacitor in CTR2 / MR program the reset time delay of Output 2.
• No capacitor on these pins gives the fastest reset delay time indicated in the Section 7.6.
8.3.4.1 Reset Time Delay Configuration
The time delay (tCTR) can be programmed by connecting a capacitor between CTR1 pin and GND, CTR2 for
channel 2. In this section CTRx represent either channel 1 or channel 2.
The relationship between external capacitor CCTRx_EXT (typ) and the time delay tCTRx (typ) is given by Equation 1.
tCTRx (typ) = -ln (0.28) x RCTRx (typ) x CCTRx_EXT (typ) + tCTRx (no cap)
(1)
RCTRx (typ) = is in kilo ohms (kOhms)
CCTRx_EXT (typ) = is given in microfarads (μF)
tCTRx (typ) = is the reset time delay (ms)
The reset delay varies according to three variables: the external capacitor (CCTRx_EXT), CTR pin internal
resistance (RCTRx) provided in Section 7.5, and a constant. The minimum and maximum variance due to the
constant is show in Equation 2 and Equation 3:
tCTRx (min) = -ln (0.31) x RCTRx (min) x CCTRx_EXT (min) + tCTRx (no cap (min))
(2)
tCTRx (max) = -ln (0.25) x RCTRx (max) x CCTRx_EXT (max) + tCTRx (no cap (max))
(3)
The recommended maximum reset delay capacitor for the TPS37 is limited to 10 μF as this ensures enough
time for the capacitor to fully discharge when a voltage fault occurs. Also, having a too large of a capacitor value
can cause very slow charge up (rise times) and system noise can cause the the internal circuit to trip earlier or
later near the threshold. This leads to variation in time delay where it can make the delay accuracy worse in the
presence of system noise.
When a voltage fault occurs, the previously charged up capacitor discharges and if the monitored voltage
returns from the fault condition before the delay capacitor discharges completely, the delay will be shorter than
expected. The capacitor will begin charging from a voltage above zero and resulting in shorter than expected
time delay. A larger delay capacitor can be used so long as the capacitor has enough time to fully discharge
during the duration of the voltage fault. To ensure the capacitor is fully discharged, the time period or duration of
the voltage fault needs to be greater than 5% of the programmed reset time delay.
www.ti.com
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com