Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN8648FBP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN8648FBP
Description  32-bit Shift Register Latch Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8648FBP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN8648FBP Datasheet HTML 1Page - Panasonic Semiconductor DN8648FBP Datasheet HTML 2Page - Panasonic Semiconductor DN8648FBP Datasheet HTML 3Page - Panasonic Semiconductor DN8648FBP Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Others
DN8648FBP
VCC
VO
IO
PD
Topr
Tstg
Supply voltage
Output voltage
Output current
Power dissipation
Operating ambient temperature
Storage temperature
V
V
mA
W
˚C
˚C
0 to 7
0 to 30
120 (Per one circuit)
1.8 *
– 20 to + 75
– 55 to + 125
* When mounting onto the PCB, power dissipation is reduced at a rate of 15mW/˚C from Ta= 25˚C.
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta = 25˚C)
Operating supply voltage
Output voltage
Output current
Clock frequency
Input pulse width
Setup time
Hold time
CLK
STB
over 40ns
over 40ns
SIN
STB
SIN
STB
over 30ns
over 40ns
over 20ns
over 0ns
Clock pulse rise time
Clock pulse fall time
*1 An allowable value changes depends on the number of simultaneously turned-on circuits and the duty. Use with power dissipation taken into full account.
*2 Input duty : 40 to 60%
VCC
VO
IO
fCLK
tw
tsu
th
tr
tf
4 to 6V
below 30V
below 100mA *1
below 10MHz *2
below 500ns
below 500ns
Parameter
Symbol
Range
s Recommended Operating Range (Ta=25˚C)
Input voltage
0.7VCC
VIH
VCC
V
VCC= 4 to 6V
0
VIL
0.3VCC
V
Input current
IIH
25
µA
VIH= 5V
IIL
– 25
µA
VIL= 0V
IOL=100mA
IOL= 80mA
VO= 30V (output OFF)
Output saturation voltage (Qn)
VCE (sat) 1
0.4
V
VCE (sat) 2
0.35
V
Output leakage current
IOLK1
50
µA
* VCC=5V unless otherwise specified
IOLK2
µA
VO=15V (output OFF)
Supply current
ICC1
100
µA
Total driver output OFF
25
ICC2
5mA
Driver output 1 circuit ON
Output voltage (SOUT)
VOH
V
IO= –1
µA
VOL
0.1
V
IO=1
µA
4.9
Output current (SOUT)
IOH
mA
VOH= 4.5V
IOL
mA
VOL= 0.4V
– 4
4
Output malfunctioning preventive
Circuit operating voltage
2.9
VCCT+
3.9
V
*
2.6
VCCT–
3.6
V
*
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (Ta=25˚C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com