Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADR46 Datasheet(PDF) 1 Page - Schneider Electric

Part # LADR46
Description  TeSys D - time delay auxiliary contact block - 1 NO 1 NC lugs-ring terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LADR46 Datasheet(HTML) 1 Page - Schneider Electric

  LADR46 Datasheet HTML 1Page - Schneider Electric LADR46 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
LADR46
TeSys D - time delay auxiliary contact block - 1
NO + 1 NC lugs-ring terminals
Product availability: Non-Stock - Not normally stocked in distribution facility
Main
Range of product
TeSys D
TeSys D control relay
Range
TeSys
Product or component
type
Time delay auxiliary contact block
Device application
Control circuit
Pole contact composi-
tion
1 NO + 1 NC
Connections - terminals
Lugs-ring terminals
Complementary
Mounting location
Front
[Ui] rated insulation voltage
690 V - conforming to IEC 60947-5-1
600 V - certifications UL
System Voltage
690 V AC 25...400 Hz
[Ith] conventional free air thermal current
10 A at <= 140 °F (60 °C)
Irms rated making capacity
140 A AC
250 A DC
Permissible short-time rating
100 A at 60 °C 1 s
120 A at 60 °C 500 ms
140 A at 60 °C 100 ms
Protection type
GG fuse <= 10 A rating according to operational current for Ue <= 690 V
Associated fuse rating
10 A gG IEC 60947-5-1
Mechanical durability
5 Mcycles
Minimum switching current
5 mA
Minimum switching voltage
17 V
Non-overlap time
1.5 ms on de-energisation (no overlap between NC and NO contact)
1.5 ms on energisation (no overlap between NC and NO contact)
Timer type
Off delay
Time delay range
10...180 s
Insulation resistance
> 10 MOhm
Environment
Environmental characteristic
Normal environment
Standards
BS 4794
NF C 63-140
IEC 60947-5-1
EN 60947-5-1
VDE 0660
Product certifications
UL
CSA
IP degree of protection
IP2x conforming to VDE 0106
Protective treatment
TH conforming to IEC 60068
Ambient air temperature for operation
-40...158 °F (-40...70 °C)
Ambient air temperature for storage
-76...176 °F (-60...80 °C)
Operating altitude
9842.52 ft (3000 m) without derating


Similar Part No. - LADR46

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LADR4 SCHNEIDER-LADR4 Datasheet
117Kb / 2P
TeSys D - time delay auxiliary contact block - 1NO 1 NC screw clamp terminals
Aug 11, 2019
LADR43 SCHNEIDER-LADR43 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 10, 2019
More results

Similar Description - LADR46

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LADR4 SCHNEIDER-LADR4 Datasheet
117Kb / 2P
TeSys D - time delay auxiliary contact block - 1NO 1 NC screw clamp terminals
Aug 11, 2019
LADT4 SCHNEIDER-LADT4 Datasheet
116Kb / 2P
TeSys D - time delay auxiliary contact block - 1NO 1 NC screw clamp terminals
Aug 17, 2019
LADR23 SCHNEIDER-LADR23 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 11, 2019
LADR26 SCHNEIDER-LADR26 Datasheet
116Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC lugs-ring terminals
Aug 11, 2019
LADR43 SCHNEIDER-LADR43 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 10, 2019
LADT03 SCHNEIDER-LADT03 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 10, 2019
LADT23 SCHNEIDER-LADT23 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 17, 2019
LADT26 SCHNEIDER-LADT26 Datasheet
112Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC lugs-ring terminals
Aug 17, 2019
LADT43 SCHNEIDER-LADT43 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 17, 2019
LADT46 SCHNEIDER-LADT46 Datasheet
116Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC lugs-ring terminals
Aug 17, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com