Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-315-CW-HWR-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-315-CW-HWR-RPS
Description  Standard SMA or Part 15 compliant RP-SMA connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-315-CW-HWR-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-315-CW-HWR-RPS Datasheet HTML 1Page - Linx Technologies ANT-315-CW-HWR-RPS Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
–
1 –
Revised 8/1/2017
Product Description
HWR Series antennas deliver outstanding
performance in a rugged and cosmetically
attractive package. The articulating base allows the
antenna to tilt 90 degrees and rotate 360 degrees.
The antennas attach via a standard SMA or Part
15 compliant RP-SMA connector. Custom colors
and connectors are available for volume OEM
customers.
Features
• Low cost
• Tilts and rotates
• Omni-directional pattern
• Outstanding VSWR
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA
connector
• Custom colors and terminations for volume
OEMs
• Use with plastic* or metal enclosures
• Internal O-ring seal on connector
* Requires proximity ground plane
Electrical Specifications
Center Frequency:
315MHz
Recom. Freq. Range:
305–325MHz
Bandwidth:
20MHz
Wavelength:
¼-wave
VSWR:
≤ 2.0 typical
Peak Gain:
0dBi
Impedance:
50-ohms
Connection:
RP-SMA or SMA
Oper. Temp. Range:
–30°C to +80°C
Electrical specifications and plots measured with a 10.16 cm x
10.16 cm (4.00” x 4.00”) reference ground plane
ANT-315-CW-HWR-ccc
Data Sheet
by
Ordering Information
ANT-315-CW-HWR-RPS (with RP-SMA connector)
ANT-315-CW-HWR-SMA (with SMA connector)
142 mm
(5.59")
116 mm
(4.57")
10 mm
(0.39")
8.2 mm
(0.32")
26 mm
(1.02")
30 mm
(1.18")


Similar Part No. - ANT-315-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-315-CW-HWR-RPS ETC2-ANT-315-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
More results

Similar Description - ANT-315-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-CT-RPS ETC2-ANT-2.4-CW-CT-RPS Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RCT-RP ETC2-ANT-2.4-CW-RCT-RP Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-QW ETC2-ANT-418-CW-QW Datasheet
329Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-MHW-RPS-L ETC2-ANT-418-MHW-RPS-L Datasheet
162Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-QW ETC2-ANT-868-CW-QW Datasheet
575Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-433-MHW-RPS-L ETC2-ANT-433-MHW-RPS-L Datasheet
163Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
ANT-315-CW-HW LINX-ANT-315-CW-HW Datasheet
321Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/18/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com