Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-450-RHR-SMA Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-450-RHR-SMA
Description  450 MHz Cellular LTE Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-450-RHR-SMA Datasheet(HTML) 2 Page - Linx Technologies

  ANT-450-RHR-SMA Datasheet HTML 1Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 2Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 3Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 4Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 5Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 6Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 7Page - Linx Technologies ANT-450-RHR-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Datasheet
ANT-450-RHR-SMA
Table 1. Electrical Specifications
ANT-450-RHR-SMA
450 MHz (LTE bands 72, 73 and 31)
Frequency Range
450 MHz to 470 MHz
VSWR (max)
2.1
Peak Gain (dBi)
-4.6
Average Gain (dBi)
-9.3
Efficiency (%)
12
Polarization
Linear
Radiation
Omnidirectional
Max Power
10 W
Wavelength
1/4-wave
Electrical Type
Monopole
Impedance
50
Ω
Electrical specifications and plots measured with a 102 mm x 102 mm (4 in x 4 in) reference ground plane.
Table 2. Mechanical Specifications
ANT-450-RHR-SMA
450 MHz (LTE bands 72, 73 and 31)
Connection
SMA plug (male pin)
Dimensions
51.2 mm x 18.2 mm x 9.0 mm (2.02 in x 0.72 in x 0.35 in)
Weight
11.4 g (0.40 oz)
Operating Temp. Range
-20 °C to +85 °C
Product Dimensions
1.650
41.91
.374
9.50
.666
16.92
.350
8.89
2.024
51.41
ANTENNA LTE STUBBY 90º
51.2 mm
(2.02 in)
18.2 mm
(0.72 in)
Ø 9.0 mm
(0.35 in)
Use SOCAA’s dimensions
Figure 1. ANT-450-RHR-SMA Antenna Dimensions
Counterpoise
Quarter-wave or monopole antennas require an associated ground plane counterpoise for proper operation.
The size and location of the ground plane relative to the antenna will affect the overall performance of the
antenna in the final design. When used in conjunction with a ground plane smaller than that used to tune the
antenna, the center frequency typically will shift higher in frequency and the bandwidth will decrease. The
proximity of other circuit elements and packaging near the antenna will also affect the final performance.
For further discussion and guidance on the importance of the ground plane counterpoise, please refer to Linx
Application Note, AN-00501: Understanding Antenna Specifications and Operation.
Packaging Information
The RHR series antennas are packaged 10 pcs per clear plastic bag. Bags are placed in cartons of 400.
Distribution channels may offer alternative packaging options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com