Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD2020FF Datasheet(PDF) 7 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXD2020FF
Description  Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXD2020FF Datasheet(HTML) 7 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXD2020FF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXD2020FF Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MEMSIC MXD2020E/F Rev H
Page 7 of 8
2/26/2007
TEMPERATURE OUTPUT NOISE REDUCTION
It is recommended that a simple RC low pass filter is used
when measuring the temperature output. Temperature
output is typically a very slow changing signal, so a very
low frequency filter eliminates erroneous readings that may
result from the presence of higher frequency noise. A
simple filter is shown in Figure 6.
Filtered TOUT
8.2K
0.1uF
MEMSIC
Accel.
TOUT
Figure 6: Temperature Output Noise Reduction
POWER SUPPLY NOISE REJECTION
One capacitor is recommended for best rejection of power
supply noise (reference Figure 7 below). The capacitor
should be located as close as possible to the device supply
pin (VDD). The capacitor lead length should be as short as
possible, and surface mount capacitor is preferred. For
typical applications, the capacitor can be ceramic 0.1 μF.
VDA
VDD
MEMSIC
Accelerometer
Power Supply
C1
0.1uF
Figure 7: Power Supply Noise Rejection
PCB LAYOUT AND FABRICATION SUGGESTIONS
1. The Sck pin should be grounded to minimize noise.
2. Liberal use of ceramic bypass capacitors is
recommended.
3. Robust low inductance ground wiring should be used.
4. Care should be taken to ensure there is “thermal
symmetry” on the PCB immediately surrounding the
MEMSIC device and that there is no significant heat
source nearby.
5. A metal ground plane should be added directly beneath
the MEMSIC device. The size of the ground plane
should be similar to the MEMSIC device’s footprint
and be as thick as possible.
6. Vias can be added symmetrically around the ground
plane. Vias increase thermal isolation of the device
from the rest of the PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com