Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDS352AP Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDS352AP
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDS352AP Datasheet(HTML) 2 Page - ON Semiconductor

  NDS352AP Datasheet HTML 1Page - ON Semiconductor NDS352AP Datasheet HTML 2Page - ON Semiconductor NDS352AP Datasheet HTML 3Page - ON Semiconductor NDS352AP Datasheet HTML 4Page - ON Semiconductor NDS352AP Datasheet HTML 5Page - ON Semiconductor NDS352AP Datasheet HTML 6Page - ON Semiconductor NDS352AP Datasheet HTML 7Page - ON Semiconductor NDS352AP Datasheet HTML 8Page - ON Semiconductor NDS352AP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NDS352AP
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS TA = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Unit
VDSS
Drain−Source Voltage
−30
V
VGSS
Gate−Source Voltage − Continuous
±20
V
ID
Maximum Drain Current – Continuous (Note 1a)
±0.9
A
Maximum Drain Current – Pulsed
±10
PD
Maximum Power Dissipation (Note 1a)
0.5
W
Maximum Power Dissipation (Note 1b)
0.46
TJ, TSTG
Operating and Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Ratings
Unit
RqJA
Thermal Resistance, Junction−to−Ambient (Note 1a)
250
°C/W
RqJC
Thermal Resistance, Junction−to−Case (Note 1)
75
°C/W
1. RqJA is the sum of the junction−to−case and case−to−ambient thermal resistance where the case thermal reference is defined as the solder
mounting surface of the drain pins. RqJC is guaranteed by design while RqCA is determined by the user’s board design.
PD(t) +
TJ * TA
RqJA(t)
+
TJ * TA
RqJC ) RqCA(t)
+ I2D(t) RDS(ON)@T
J
Typical RqJA using the board layouts shown below on 4.5″x 5″ FR−4 PCB in a still air environment:
a) 250°C/W when mounted on a 0.02 in2 pad
of 2oz copper.
b) 270°C/W when mounted on a 0.001 in2 pad
of 2oz copper.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com