Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7658 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7658
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7658 Datasheet HTML 8Page - Analog Devices AD7658 Datasheet HTML 9Page - Analog Devices AD7658 Datasheet HTML 10Page - Analog Devices AD7658 Datasheet HTML 11Page - Analog Devices AD7658 Datasheet HTML 12Page - Analog Devices AD7658 Datasheet HTML 13Page - Analog Devices AD7658 Datasheet HTML 14Page - Analog Devices AD7658 Datasheet HTML 15Page - Analog Devices AD7658 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 12 of 25
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the
AD7658/AD7657/AD7656. Both DGND pins should connect to the DGND plane of a system.
The DGND and AGND voltages ideally should be at the same potential and must not be more
than 0.3 V apart even on a transient basis.
AVCC
Analog Supply Voltage, 4.5 V to 5.5 V. This is the only supply voltage for ADC cores. The AVCC
and DVCC voltages ideally should be at the same potential and must not be more than 0.3 V
apart even on a transient basis. This supply should be decoupled to AGND. 10 µF and 100 nF
decoupling capacitors should be placed on the AVCC pins.
CONVSTA, B, C
Conversion Start Input A,B,C. Logic Inputs. These inputs are used to initiate conversions on the
ADC pairs. CONVSTA is used to initiate simultaneous conversions on V1 and V2. CONVSTB is
used to initiate simultameous conversions on V3 and V4. CONVSTC is used to initiate
simultaneous conversions on V5 and V6. When CONVSTX switches from low to high the track-
and-hold switch on the selected ADC pairs switches from track to hold and the conversion is
initiated.
CS
Chip Select. Active low logic input. This input frames the data transfer. When both CS and RD
are logic low in parallel mode the output bus is enabled and the conversion result is output on
the Parallel Data Bus lines. When both CS and WR are logic low in parallel mode DB[15:8] are
used to write data to the on-chip control register. In serial mode the CS is used to frame the
serial read transfer.
RD
Read Data. When both CS and RD are logic low in parallel mode the output bus is enabled. In
serial Mode the RD line should be held low.
WR/ REF EN/DISABLE
Write Data/ reference Enable/Disable. When H/S SEL pin is high both CS and WR are logic low
DB[15:8] are used to write data to the internal Control Register. When H/S SEL pin is low this
pin is used to enable or disable the internal Reference. When H/S SEL =0 and REF EN/DISABLE =
0 the internal reference is disabled and an external reference should be applied to this pin.
When H/S SEL = 0 and REF EN/DISABLE = 1 the internal reference is enabled.
BUSY
BUSY Output. Transitions high when a conversion is started and remains high until the
conversion is complete and the conversion data is latched into the Output Data registers.
REFIN/REFOUT
Reference Input/Output. The on-chip reference is available on this pin for use external to the
AD7658/AD7657/AD7656. Alternatively, the internal reference can be disabled and an external
reference applied to this input. See Reference Section.
SER/PAR
Serial/parallel selection Input. When low, the parallel port is selected. When high the serial
interface mode is selected. In serial mode DB[10:8] take on their SDATA [C:A] function, DB[0:2]
take on their DOUT select function, DB[7] takes on its DCEN function. In serial mode DB15 and
DB[13:11] should be tied to DGND.
DB[0]/SEL A
Data Bit [0]/Select DOUT A. When SER/PAR = 0, this pin acts as a three-state Parallel Digital
Output pin. When SER/PAR is =1, this pin takes on its SEL A function, it is used to configure the
serial interface. If this pin is 1, the serial interface will operate with one/two/three DOUT ouput
pins and enables DOUT A as a serial output. When operating in serial mode this pin should
always be = 1.
DB[1]/SEL B
Data Bit [1]/Select DOUT B. When SER/PAR = 0, this pin acts as a three-state Parallel Digital
Output pin. When SER/PAR is =1, this pin takes on its SEL B function, it is used to configure the
serial interface. If this pin is 1, the serial interface will operate with two/three DOUT ouput pins
and enables DOUT B as a serial output. If this pin is 0 the DOUT B is not enabled to operate as a
serial Data Output pin and only one DOUT output pin is used.
DB[2]/SEL C
Data Bit [2]/Select DOUT C. When SER/PAR = 0, this pin acts as a three-state Parallel Digital
Output pin. When SER/PAR is =1, this pin takes on its SEL C function, it is used to configure the
serial interface. If this pin is 1, the serial interface will operate with three DOUT ouput pins and
enables DOUT C as a serial output. If this pin is 0 the DOUT C is not enabled to operate as a
serial Data Output pin.
DB[3]/DCIN C
Data Bit [3]/Daisy Chain in C. When SER/PAR =0, this pin acts as a three-state Parallel Digital
Output pin. When SER/PAR is =1 and DCEN = 1, this pin acts as Daisy Chain Input C.
DB[4]/DCIN B
Data Bit [4]/Daisy Chain in B. When SER/PAR =0, this pin acts as a three-state Parallel Digital
Output pin. When SER/PAR is =1 and DCEN = 1, this pin acts as Daisy Chain Input B.
DB[5]/DCIN A
Data Bit [5]/Daisy Chain in A. When SER/PAR is low, this pin acts as a three-state Parallel Digital
Output pin. When SER/PAR is =1 and DCEN = 1, this pin acts as Daisy Chain Input A.
DB[6]/SCLK
Data Bit [6[/Serial Clock. When SER/PAR =0, this pin acts as three-state Parallel Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com