Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN012 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN012
Description  N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN012 Datasheet(HTML) 1 Page - Linx Technologies

  CONN012 Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
SHEET 1 OF 1
LDCFDLT_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
REVISIONS
REV
DESCRIPTION
DATE
APPV
B
SAH
B
12-JUL-12
B.MURPHY
S.HOGAN
12-JUL-12
Added New Title Block
12-JUL-12
CONN012
N MALE RIGHT ANGLE
CABLE END CRIMP FOR RG174 CABLE
Description
Material
Finish
Body
Pin
Insulation
Nickel
N/A
Gold
PTFE
Crimp Ring
Nickel
Brass
Brass
Brass
0.197
(5.00)
0.295
(7.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.118
(3.00)
RG-174 Cable
0.276
(7.00)
Ø0.154
(3.90)
CRIMP RING
Ø0.500
(12.70)
0.213
(5.40)
0.157
(4.00)
COVER
5/8-24UNEF-2B THREADS
SIDE VIEW
0.079
(2.00)
0.787
(20.00)
Ø0.106
(2.70)
1.220
(31.00)
0.197
(5.00)
Cover
Nickel
Brass


Similar Part No. - CONN012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN012-1-W LINX-CONN012-1-W Datasheet
448Kb / 4P
N Plug Right Angle Coaxial Cable Mount Connector
2020
CONN012-R58 LINX-CONN012-R58 Datasheet
253Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results

Similar Description - CONN012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX012 ETC2-CONREVMCX012 Datasheet
160Kb / 1P
RP-MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA012 ETC2-CONREVSMA012 Datasheet
262Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONSMA012 ETC2-CONSMA012 Datasheet
259Kb / 1P
SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com