Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN8799MS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DN8799MS
Description  3 V operation Hall IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8799MS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DN8799MS Datasheet HTML 1Page - Panasonic Semiconductor DN8799MS Datasheet HTML 2Page - Panasonic Semiconductor DN8799MS Datasheet HTML 3Page - Panasonic Semiconductor DN8799MS Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hall ICs
1
DN8799MS
3 V operation Hall IC
s Overview
The DN8799MS is a 3 V operation Hall IC which
includes a Hall element, amplifier circuit, Schmidt circuit,
stabilized power supply and temperature compensation
circuit which are integrated on a single chip with a fine
patterning technology. The magnetic input signal is out-
putted by being converted to high or low. We have im-
proved the conventional circuit to realize a stable opera-
tion covering from low to high supply voltage and from
low to high temperature.
s Features
• Wide operating supply voltage range
(VCC = 2.7 V to 14.4 V)
• Wide operating ambient temperature (−40°C to +85°C)
• Package: Mini type (3-pin type)
(1.1 mm thick: Same as a standard transistor)
s Applications
• Cellular phone (detection of cover open/close), position sensor
s Block Diagram
Unit: mm
MINI-3D
1
Out
3
Constant
voltage source
Hall element
Amplifier
Comparator
GND
0.40 + 0.10
– 0.05
1.45
2
1
3
0.95
0.95
1.90 ± 0.20
2.90 + 0.20
– 0.05
0.16 + 0.10
– 0.06
10
°


Similar Part No. - DN8799MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
3V operation Hall IC One-way magnetic field operation
DN8798 PANASONIC-DN8798 Datasheet
39Kb / 4P
3 V operation Hall IC
DN8798MS PANASONIC-DN8798MS Datasheet
39Kb / 4P
3 V operation Hall IC
More results

Similar Description - DN8799MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8798MS PANASONIC-DN8798MS Datasheet
39Kb / 4P
3 V operation Hall IC
logo
Toshiba Semiconductor
TA8424F TOSHIBA-TA8424F Datasheet
372Kb / 11P
3 PHASE HALL MOTOR DRIVER IC
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
3V operation Hall IC One-way magnetic field operation
logo
Unisonic Technologies
SK8552 UTC-SK8552 Datasheet
218Kb / 5P
LOW VOLTAGE OPERATION HALL IC
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
HALL IC
logo
Unisonic Technologies
SK8552 UTC-SK8552_12 Datasheet
166Kb / 5P
LOW VOLTAGE OPERATION HALL IC
SK8552 UTC-SK8552_15 Datasheet
180Kb / 5P
LOW VOLTAGE OPERATION HALL IC
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5712A SII-S5712A Datasheet
2Mb / 43P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5717 SII-S5717 Datasheet
1Mb / 19P
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com