Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA733T-R Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # 2SA733T-R
Description  Low Frequency Amplifier PNP Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SA733T-R Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  2SA733T-R Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SA733T-R Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SA733T-R Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SA733T-R Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SA733T-R Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SA733T-R Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SA733T-R Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA733
Low Frequency Amplifier
PNP Epitaxial Silicon Transistor
Document No.: F51936S
27-NOV-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
1/7
1. Synopsis
1-1. Feature List
●
BV CEO: -50V (Min.)
●
Low Saturation Voltage V CE(sat) < -0.3V @ -0.1A
●
I C = -100mA Continuous Collector Current
●
Complementary to 2SC945
1-2. Mechanical Characteristics
●
Molded JEDEC Package: TO-92
●
Packing: Tape Box
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: LEVEL 1
1-3. Device Characteristics
1-4. Classification of h FE
B
C
E
Device Symbol
C
B
E
TO-92


Similar Part No. - 2SA733T-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733T SECOS-2SA733T Datasheet
293Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SA733T-R

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA769 WINGS-2SA769 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SA985 WINGS-2SA985 Datasheet
70Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB435 WINGS-2SB435 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB507 WINGS-2SB507 Datasheet
25Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB596 WINGS-2SB596 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB633 WINGS-2SB633 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB825 WINGS-2SB825 Datasheet
65Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SB834 WINGS-2SB834 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Unisonic Technologies
2SA733 UTC-2SA733_11 Datasheet
175Kb / 4P
LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com