Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC9151 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # 2SC9151
Description  NPN Medium Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SC9151 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  2SC9151 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SC9151 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SC9151 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SC9151 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SC9151 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SC9151 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SC9151 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC9151
NPN Medium Power Transistors
Document No.: F51935R
27-NOV-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
1/7
1. Synopsis
1-1. Feature List
●
BV CEO: 150V (Min.)
●
Low Saturation Voltage V CE(sat) < 1.0V @ 8.0A
●
I C = 8.0A Continuous Collector Current
●
I CM = 12A Peak Pulse Current
●
Complementary to 2SA9150
1-2. Applications
●
Medium Power Switching or Amplification Applications
●
AF Driver and Output Stages
1-3. Mechanical Characteristics
●
Molded JEDEC Package: TO-220AB
●
Packing: Tube
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: LEVEL 1
1-4. Device Characteristics
C
C
E
B
TO-220AB
Device Symbol


Similar Part No. - 2SC9151

ManufacturerPart #DatasheetDescription
logo
Usha India Ltd.
2SC900 USHA-2SC900 Datasheet
112Kb / 3P
LOW FREQUENCY, LOW NOISE AMPLIFIER
logo
Micro Electronics
2SC900 MICRO-ELECTRONICS-2SC900 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
Usha India Ltd.
2SC9011 USHA-2SC9011 Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
2SC9011D USHA-2SC9011D Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
2SC9011E USHA-2SC9011E Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SC9151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
NPN medium power transistors
04-Apr-2008
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
NPN medium power transistors
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
NPN Medium Power Transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
NPN Medium Power Transistors
14-DEC-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com