Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 7 Page - FutureWafer Tech Co.,Ltd

Part # BAS40
Description  Surface Mount Switching Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS40 Datasheet(HTML) 7 Page - FutureWafer Tech Co.,Ltd

Back Button BAS40 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAS40 Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BAS40 Series
Surface Mount Switching Diode
7
Document No.: F21837S
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
6-1. Taping and Reel Specification
6-2. Embossed Carrier Tape Specification
6. Packing
Dimension W
D
D1
E
F
P
P0
P2
t
W
Value
8
mm
1.5
±0.1
1.3
Max.
1.75
±0.1
3.5
±0.05
4
±0.1
4
±0.1
2
±0.1
0.4
Max.
8
±0.3
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between The Component And The Cavity Must
Comply to The Rotational and Lateral Movement Requirement Provided in Figures in The “Maximum
Component Movement in Tape Pocket” Section.
Unit: mm
Taping Width
Tape Orientation
8mm
Direction Of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com