Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WDF Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # BAS40WDF
Description  Surface Mount Switching Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS40WDF Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  BAS40WDF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS40WDF Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS40WD Series
Surface Mount Switching Diode
3
Document No.: F21837W
30-DEC-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
Parameter
Symbol
Condition
Min.
Typ.
Units
Max.
Reverse Breakdown Voltage
V BR
I R = 10uA
40
-
V
-
Forward Voltage
V F
I F = 1mA
-
-
0.38
I F =
200mA
-
-
1.0
Reverse Recovery Time
t rr
I F = I T = 10mA,
I rr = 1mA, R L = 100Ω
-
-
nS
5.0
Reverse Leakage Current
I R
V R = 30V, T J = 25°C
-
20
nA
100
Junction Capacitance
C I/O
Pin Capacitance to GND.
V dc = 0V, f = 1MHZ
-
4.0
pF
5.0
3-1. Electrical Characteristics
3. Electrical Property
3-2. Ratings and Characteristics Curve (TA=25°C unless otherwise noted)
Fig 1. Typical Forward Characteristics
Forward Voltage, V F (V)
Fig 3. Typical Junction Capacitance
Fig 4. Power Derating Curve
Case Temperature, T C (°C)
Reverse Voltage, V R (V)
Fig 2. Reverse Current
Reverse Voltage, V R (V)
T A = 25°C
T A = 75°C
T A = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com