Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7656BSTZ
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7656BSTZ Datasheet HTML 12Page - Analog Devices AD7656BSTZ Datasheet HTML 13Page - Analog Devices AD7656BSTZ Datasheet HTML 14Page - Analog Devices AD7656BSTZ Datasheet HTML 15Page - Analog Devices AD7656BSTZ Datasheet HTML 16Page - Analog Devices AD7656BSTZ Datasheet HTML 17Page - Analog Devices AD7656BSTZ Datasheet HTML 18Page - Analog Devices AD7656BSTZ Datasheet HTML 19Page - Analog Devices AD7656BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 16 of 25
ADC TRANSFER FUNCTION
The output coding of the AD7658/AD7657/AD7656 is two’s
Complement. The designed code transitions occur midway
between successive integer LSB values, i.e., 1/2 LSB, 3/2 LSBs.
The LSB size is FSR/4096 for the AD7658, FSR/16384 for the
AD7657 and FSR/65536 for the AD7656. The ideal transfer
characteristic for the AD7658/AD7657/AD7656 is shown in
Figure 4.
000...000
-FSR/2 +
1/2LSB
ANALOG INPUT
011...111
100...001
100...010
011...110
000...001
111...111
+FSR/2 -
3/2LSB
100...000
AGND - 1LSB
Figure 4. AD7658/AD7657/AD7656 Transfer Characteristic
The LSB size is dependant on the Analog Input Range selected.
See Table 7.
Reference Section
The VREF pin either provides access to the
AD7658/AD7657/AD7656’s own 2.5V reference or allows for an
external reference to be connected providing the reference
source for the AD7658/AD7657/AD7656 conversions. The
AD7658/AD7657/AD7656 can accommodate a 2.5V to 3V
external reference range. When using an external reference the
internal reference needs to be disabled. After a RESET the
AD7658/AD7657/AD7656 defaults to operating in external
Reference mode. The internal reference can be enabled in either
hardware or software mode. To enable the internal reference in
hardware mode, H/S SEL pin =0 and the REF EN/DISABLE = 1.
To enable the internal reference in software mode H/S SEL pin
=1, a write to the control register is necessary to make DB1 of
the register = 1. The REFIN/OUT pin should be decoupled
using 10 µF and 100 nF capacitors.
The AD7656 contains three on-chip reference buffers. Each of
the three ADC pairs has an associated reference buffer. These
reference buffers require external decoupling caps on REFCAPA,
REFCAPB, and REFCAPC pins. 10 µF and 100 nF decoupling
capacitor should be placed on these REFCAP pins.
Table 7. LSB sizes for each Analog Input Range
AD7656
AD7657
AD7658
Input Range
±10V
±5V
±10V
±5V
±10V
±5V
FS Range
20V/65536
10V/65536
20V/16384
10V/16384
20V/4096
10V/4096
LSB Size
0.305 mV
0.152 mV
1.22 mV
0.61 mV
4.88 mV
2.44 mV
+
10 µF
100 nF
100 nF
10 µF
+
Analog Supply
Voltage 5V
Note 1
10 µF
+
DVCC
100 nF
+ 10 µF
100 nF
DVCC
AVCC AGND
DGND VDRIVE DGND
Digital Supply
Voltage 3V or 5V
VDD
AGND
+
10 µF
100 nF
VSS
AGND
+
10 µF
100 nF
+
10 µF
100 nF
REFCAPA/B/C
AGND
2.5V
REF
REFIN/OUT
+9.5V to +16.5V
Supply
-9.5V to -16.5V
Supply
AGND
D0 to D15 PARALLEL
INTERFACE
CONVST A/B/C
CS
RD
BUSY
µP/µC/DSP
SER/PAR
H/S
W/B
RANGE
RESET
STDBY
Six Analog
Inputs
VDRIVE
AD7658/7/6
Figure 5. AD7658/AD7657/AD7656 Typical connection diagram.
Note 1: Decoupling shown on the
AVCC pin applies to each AVCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com