Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6525 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6525
Description  Four-hannel Laser Diode Driver with Dual Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6525 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6525 Datasheet HTML 7Page - National Semiconductor (TI) LMH6525 Datasheet HTML 8Page - National Semiconductor (TI) LMH6525 Datasheet HTML 9Page - National Semiconductor (TI) LMH6525 Datasheet HTML 10Page - National Semiconductor (TI) LMH6525 Datasheet HTML 11Page - National Semiconductor (TI) LMH6525 Datasheet HTML 12Page - National Semiconductor (TI) LMH6525 Datasheet HTML 13Page - National Semiconductor (TI) LMH6525 Datasheet HTML 14Page - National Semiconductor (TI) LMH6525 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Hints (Continued)
thickness (d) en r (see Figure 2). When Checked under a
microscope: the thickness of the wires is 0.3 mm. The pitch
is 0.5 mm, while the ;r must be 1 for air. The impedance of
two parallel wires is given by this formula,
Z = (276/r) * log{(2*a)/d}
With the data above filled in this formula the result is:
Z = 144
Ω
Both the measured and the calculated numbers matches
very closely. The impedance of the flex cable is a physical
parameter so when designing a transmission path using this
flex cable, the impedance of the total path must be based on
140
Ω. There is another parameter which is the termination
resistance inside the LMH6525 or LMH6526 which is 100
Ω.
When terminating the 140
Ω transmission path with an im-
pedance of 100
Ω a mismatch will occur causing reflections
on the transmission line. To solve this problem it is possible
to connect directly at the input terminals of the part two
resistors of 20
Ω one on every pin to keep it symmetrical.
Normally this causes signal loss over the total extra series
resistance of 40
Ω when using a voltage source for driving
the transmission line. An advantage of a LVDS source is it’s
current nature. The current of a LVDS output is 3.5 mA and
this current produces across a resistor of 140
Ω a voltage of
490 mV, while this voltage across the 100
Ω internal termina-
tion resistor of the part remains at 350 mV, which is conform
the LVDS standard. With the usage of a series resistance of
40
Ω and the termination resistor of 100Ω the total termina-
tion resistance now matches the line impedance and reflec-
tions will be as low as possible. A helpful tool for calculating
impedances of transmission lines is the: ‘Transmission Line
Rapidesigner’ available from the National Semiconductor
Interface Products Group. Application Note AN-905 details
the use of this handy software tool.
The Read Enable and Enable inputs are slower and much
less critical. The Oscillator Enable input is toggled in combi-
nation with the write pulse so special attention should be
given to this signal to insure it is routed cleanly. It may be
desirable to put a termination resistor close to the LMH6526
for the Enable Oscillator line, to achieve the best turn-on and
turn-off performance of the oscillator.
OUTPUTS
In order to achieve the fastest output rise times the layout of
the output lines should be short and tight (see Figure 3). It is
intended that the Output B trace be routed under the decou-
pling capacitor and that the ground return for the laser be
closely coupled to the output and terminated at the ground
side of the decoupling capacitor.
The capacitance on the output lines should also be reduced
as much as possible. As always the loop area of the laser
current should be minimized and keep in mind that it is
important not to have vias in the current path of the output
lines. Via’s will introduce some inductance which lead to
extra overshoot on the pulse shape.
DECOUPLING CAPACITORS
As mentioned before, the decoupling capacitors are critical
to the performance of the part. The output section above
mentioned that the power-side decoupling capacitor should
be as close as possible to the V
DD and GND pins and that
the B output should pass under the decoupling capacitor.
Similarly the analog-side decoupling capacitor should be as
close as possible to the V
DDA and GNDA pins. Figure 4
shows a layout where the analog (V
DDA and GNDA) decou-
pling cap C1 is placed next to pins 6 and 7. (Note the layout
is rotated 90 degrees from the last figure.) The ground
extends into a plane that should connect to the oscillator
amplitude and current setting resistors. C2 is the power-side
decoupling capacitor and it can be seen placed as close to
the V
DD and GNDB pins as possible while straddling the B
output trace. This layout has also provided for a second
power decoupling capacitor C3 that connects from V
DD to a
different GND copper pour. It must be noted that the two
ground planes extending from C2 and C3 must be tied
together. This will be shown in the thermal section below.
Bear in mind that the closeness of the parts to the LMH6525/
6526 may be dictated by manufacturing rework consider-
ations such that the LMH6525/6526 can be de-soldered with
a hot-air rework station without the need to remove the
capacitors. The relevant manufacturing organization can
provide guidelines for this minimum spacing.
20110122
FIGURE 2. Parallel Wires
20110119
FIGURE 3. Laser Connection
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com