Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12349 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12349
Description  Hub - Quad D Mount (90 Degree)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12349 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12349 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hub - Quad D Mount (90 Degree)
ROB-12349
images are CC BY-NC-SA 3.0
Description: Quad hub mounts attach to the inside of a channel at a 90 degree angle
providing you with additional attachment points for the open top of a channel. These
mounts have a width of 1.32”, a thickness of 0.25”, a 0.50” bore bearing, and utilize
the 0.77” hub pattern.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Width - 1.32”
• Thickness - 0.25”
• Bore Bearing - 0.50”
• Hub Pattern - 0.77”
2/4/2016
https://www.sparkfun.com/products/12349


Similar Part No. - ROB-12349

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12340 SPARKFUN-ROB-12340 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 1.375L)
2/11/2016
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12342 SPARKFUN-ROB-12342 Datasheet
98Kb / 1P
Precision Disc Wheel - 2 (Clear Yellow, 2 Pack)
2/12/2016
ROB-12343 SPARKFUN-ROB-12343 Datasheet
90Kb / 1P
Rubber Ring - 1.65ID x 1/8W
2/12/2016
ROB-12344 SPARKFUN-ROB-12344 Datasheet
89Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.25L)
2/11/2016
More results

Similar Description - ROB-12349

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DW04DW117 ALPHAWIRE-DW04DW117 Datasheet
122Kb / 2P
M12 Male 90 Degree to M12 Male 90 Degree
logo
SparkFun Electronics
ROB-12102 SPARKFUN-ROB-12102 Datasheet
94Kb / 1P
Hub Mount - 90 Degrees
2/5/2016
ROB-12103 SPARKFUN-ROB-12103 Datasheet
92Kb / 1P
Hub Mount Bracket A - 90 Degree
2/12/2016
ROB-12222 SPARKFUN-ROB-12222 Datasheet
94Kb / 1P
Hub Mount - Quad (Mount C)
2/4/2016
ROB-12249 SPARKFUN-ROB-12249 Datasheet
95Kb / 1P
Clamping Hub - 90 Degree (5/8 Bore)
2/3/2016
ROB-12255 SPARKFUN-ROB-12255 Datasheet
94Kb / 1P
Hub Mount - Quad (Mount B)
2/5/2016
ROB-12353 SPARKFUN-ROB-12353 Datasheet
91Kb / 1P
Hub Mount - Quad (Mount A)
2/5/2016
ROB-12390 SPARKFUN-ROB-12390 Datasheet
96Kb / 1P
Hub Mount C - 90 Degree
2/9/2016
ROB-12433 SPARKFUN-ROB-12433 Datasheet
95Kb / 1P
Hub Mount - Quad (Mount E)
2/5/2016
ROB-12450 SPARKFUN-ROB-12450 Datasheet
95Kb / 1P
Hub Mount B - 90 Degree
2/9/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com