Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN8799 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN8799
Description  3 V operation Hall IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8799 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN8799 Datasheet HTML 1Page - Panasonic Semiconductor DN8799 Datasheet HTML 2Page - Panasonic Semiconductor DN8799 Datasheet HTML 3Page - Panasonic Semiconductor DN8799 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DN8799MS
Hall ICs
2
Note) 1. Symbol BH-L stands for the operating magnetic flux density where its output level varies from high to low.
2. Symbol BL-H stands for the operating magnetic flux density where its output level varies from low to high.
3. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power
source. (VCC should be confined to the range of 2.7 V to 14.4 V.)
4. A supply current changes by maximum 1 mA when its output level varies from high to low.
5. *1: Classified by BH-L as listed right:
s Pin Descriptions
Pin No.
Symbol
Description
1
Out
Output pin
2VCC
Supply voltage pin
3
GND
Ground pin
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
2.7 to 14.4
V
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
18
V
VOUT
18
Supply current
ICC
mA
Power dissipation
PD
120
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Note) 1. Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
2. The reverse insertion of this IC will cause its breakdown.
3. It will operate normally in several tens of ms after power on.
4. This IC is designed for a general use and if you want to use for an automotive use, please consult our staff of the nearby
sales office beforehand.
s Electrical Characteristics at T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating magnetic flux density 1 *
1
BH-L
VCC = 3 V
−20

mT
Operating magnetic flux density 2
BL-H
VCC = 3 V

−3mT
Hysteresis width
BW
VCC = 3 V
0.2
1.5
4.0
mT
Output voltage 1
VOL1
VCC = 14.4 V, IO = 5 mA, B = −20 mT
0.07
0.30
V
Output voltage 2
VOL2
VCC = 2.7 V, IO = 5 mA, B = −20 mT
0.07
0.30
V
Output current
IOH
VCC = 2.7 V to 14.4 V

10
µA
VO = 14.4 V, B = −3 mT
Supply current 1
ICC1
VCC = 14.4 V, B = −3 mT
1.0
3.4
6.0
mA
Supply current 2
ICC2
VCC = 2.7 V, B = −3 mT
1.0
2.5
6.0
mA
Rank
A
BH-L (mT)
≥ −15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com