Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAV19
Description  Silicon Switching Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV19 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAV19 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAV19 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAV19 / 20 / 21 Family
Silicon Switching Diode
Document No.: F31835S
29-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
1/10
1. Synopsis
1-1. Feature List
●
Fast Switching Speed
●
For High-Speed Switching Application
●
Ultra Small Surface Mount Package
1-2. Mechanical Characteristics
●
Molded JEDEC Package: SOD323 / SOT23
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
1-3. Device Characteristics
1-4. Electrical Characteristics
SOD323
SOT23
1
2
1
2
3
1
2
Cathode
Anode
1
3
Cathode
Anode


Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV19 DIOTEC-BAV19 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results

Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
Silicon Switching Diode
Jan-30-2003
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
SILICON SWITCHING DIODE
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
Silicon switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com