Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDW Datasheet(PDF) 13 Page - FutureWafer Tech Co.,Ltd

Part # BC847CDW
Description  NPN Silicon Epitaxial General Purpose Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BC847CDW Datasheet(HTML) 13 Page - FutureWafer Tech Co.,Ltd

Back Button BC847CDW Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BC847CDW Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BC846DW / BC847DW / BC848DW
NPN Silicon Epitaxial
General Purpose Transistors
Document No.: F51833S
20-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
13/15
6. Packing
6-1. Taping and Reel Specification
Taping Width
Tape Orientation
8mm
6-2. Embossed Carrier Tape Specification
Direction Of Feed
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com