Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS231 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AL4CS231
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS231 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AL4CS231 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL4CS231 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
15
10.4 AC Electrical Characteristics
(VDD = 3.3V, Vss=0V, TAMB = 0 to 70°C)
100Mhz
133Mhz
Symbol
Parameter
Min
Max
Min
Max
Unit
tS
Clock Cycle Frequency
-
100
-
133
MHz
tA
Data Access Time
2
7.5
2
5
ns
tCLK
Clock Cycle Time
10
-
7.5
-
ns
tCLKH
Clock HIGH Time
4.5
-
3.5
-
ns
tCLKL
Clock LOW Time
4.5
-
3.5
-
ns
tDS
Data Setup Time
3
-
2.5
-
ns
tDH
Data Hold Time
0.5
-
0.5
-
ns
tENS
Enable Setup Time
3
-
2.5
-
ns
tENH
Enable Hold Time
0.5
-
0.5
-
ns
tRS
Reset Pulse Width
10
-
7.5
-
ns
tRSS
Reset Setup Time
8
-
6
-
ns
tRSR
Reset Recovery Time
8
-
6
-
ns
tRSF
Reset to Flag and Output Time
-
10
-
9
ns
tOLZ
Output Enable to Output in Low-Z
0
-
0
-
ns
tOE
Output Enable to Output Valid
-
6
-
5
ns
tOHZ
Output Enable to in High-Z
-
6
-
5
ns
tWFF
Write Clock to Full Flag
-
7
-
5
ns
tREF
Read Clock to Empty Flag
-
7
-
5
ns
tAF
Write Clock to Almost-Full Flag
-
7
-
5
ns
tAE
Read Clock to Almost-Empty Flag
-
7
-
5
ns
tSKEW1
Skew time between Read Clock & Write Clock
for /FF & /EF
5
-
3
-
ns
TSKEW2
Skew time between Read Clock & Write Clock
for /PAE and /PAF
10
-
8
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com