Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9887APCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9887APCB
Description  Dual Interface for Flat Panel Displays
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 35Page - Analog Devices AD9887APCB Datasheet HTML 36Page - Analog Devices AD9887APCB Datasheet HTML 37Page - Analog Devices AD9887APCB Datasheet HTML 38Page - Analog Devices AD9887APCB Datasheet HTML 39Page - Analog Devices AD9887APCB Datasheet HTML 40Page - Analog Devices AD9887APCB Datasheet HTML 41Page - Analog Devices AD9887APCB Datasheet HTML 42Page - Analog Devices AD9887APCB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
REV. 0
AD9887A
–39–
1B 7-0 Test Register
Must be set to 00H for proper operation.
1C 7-3 Test Bits
Must be set to 0000 0
*** for proper operation.
1C 2
CbCr Output Order
In 4:2:2 mode, the red and blue channels can be interchanged
to help satisfy board layout or timing requirements, but the
green channel must be configured for Y. 1C bit 2 controls
the order that the U/V(CbCr) data is output. If this bit is
high, the Red channel data precedes the Blue channel data.
If this bit is low, the Blue channel data precedes the Red
channel data. See the example in Table LI.
Table LI. 4:2:2 Input/Output Configuration
Input
Channel
Connection
Output Format
Red
Y
V/U if 1C bit 2 = 1,
U/V if 1C bit 2 = 0
Green
Y
Y
Blue
U
High Impedance
1C 1
Test Bits
Must be set to 0 for standard input sampling.
1C 0
4:2:2 Output Mode Select
4:2:2 mode can be used to reduce the number of data lines
used from 24 down to 16 for applications using YUV,
YCbCr, or YPbPr graphics signals. A timing diagram for
this mode is shown on page 22.
Table LII. 4:2:2 Output Mode Select
Select
Output Mode
1
4:4:4
0
4:2:2
2-Wire Serial Control Port
A 2-wire serial interface control port is provided. Up to four
AD9887A devices may be connected to the 2-wire serial interface,
with each device having a unique address.
The 2-wire serial interface comprises a clock (SCL) and a bidirec-
tional data (SDA) pin. The analog flat panel interface acts as a
slave for receiving and transmitting data over the serial inter-
face. When the serial interface is not active, the logic levels on
SCL and SDA are pulled HIGH by external pull-up resistors.
Data received or transmitted on the SDA line must be stable for
the duration of the positive-going SCL pulse. Data on SDA must
change only when SCL is LOW. If SDA changes state while SCL
is HIGH, the serial interface interprets that action as a start or
stop sequence.
There are five components to serial bus operation:
1. Start signal
2. Slave address byte
3. Base register address byte
4. Data byte to read or write
5. Stop signal
When the serial interface is inactive (SCL and SDA are HIGH),
communications are initiated by sending a start signal. The start
signal is a HIGH-to-LOW transition on SDA, while SCL is
HIGH. This signal alerts all slaved devices that a data transfer
sequence is coming.
The first eight bits of data transferred after a start signal comprising
of a 7-bit slave address (the first seven bits) and a single R/
W bit
(the eighth bit). The R/
W bit indicates the direction of data trans-
fer, read from (1) or write to (0) the slave device. If the transmitted
slave address matches the address of the device (set by the state of
the SA1-0 input pins in Table LIII), the AD9887A acknowledges
by bringing SDA low on the ninth SCL pulse. If the addresses do
not match, the AD9887A does not acknowledge.
Table LIII. Serial Port Addresses
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
A6
A5
A4
A3
A2
A1
A0
(MSB)
10
01100
10
01101
10
01110
10
01111
Data Transfer via Serial Interface
For each byte of data read or written, the MSB is the first bit of
the sequence.
If the AD9887A does not acknowledge the master device during
a write sequence, the SDA remains HIGH so the master can
generate a stop signal. If the master device does not acknowledge
the AD9887A during a read sequence, the AD9887A interprets
this as “end of data.” The SDA remains HIGH so the master
can generate a stop signal.
Writing data to specific control registers of the AD9887A requires
that the 8-bit address of the control register of interest be written
after the slave address has been established. This control register
address is the base address for subsequent write operations. The
base address autoincrements by one for each byte of data written
after the data byte intended for the base address. If more bytes are
transferred than there are available addresses, the address will not
increment and will remain at its maximum value of 1Dh. Any base
address higher than 1Dh will not produce an acknowledge signal.
Data is read from the control registers of the AD9887A in a similar
manner. Reading requires two data transfer operations.
The base address must be written with the R/
W bit of the slave
address byte LOW to set up a sequential read operation.
Reading (the R/
W bit of the slave address byte HIGH) begins at
the previously established base address. The address of the read
register autoincrements after each byte is transferred.
To terminate a read/write sequence to the AD9887A, a stop
signal must be sent. A stop signal comprises a LOW-to-HIGH
transition of SDA while SCL is HIGH. The timing for the
read/write operations is shown in Figure 37; a typical byte transfer
is shown in Figure 38.
A repeated start signal occurs when the master device driving the
serial interface generates a start signal without first generating a
stop signal to terminate the current communication. This is used
to change the mode of communication (read, write) between the
slave and master without releasing the serial interface lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com