Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKBR1BSL Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # SKBR1BSL
Description  Low V F Schottky Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SKBR1BSL Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  SKBR1BSL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SKBR1BSL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SKBR1BSL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SKBR1BSL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SKBR1BSL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SKBR1BSL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SKBR1BSL / 1CSL / 1FSL
Low V F Schottky Bridge Rectifier
Document No.: F41839S
22-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
3/6
3. Ratings and Characteristics Curve
Fig 4. Maximum Non-repetitive Forward Surge Current
Fig 1. Forward Current Derating Curve
Lead Temp (°C)
Forward Voltage, V F (V)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage, V R (%)
T J = 125°C
T J = 25°C
Fig 2. Typical Forward Characteristics
Al. substrate
T A = 25°C
Fig 3. Typical Reverse Characteristics
SKBR1BSL
SKBR1CSL
SKBR1FSL
T A = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com