Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12366 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12366
Description  Shaft - D-Shaft (Stainless; 1/4D x 2.50L)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12366 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12366 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shaft - D-Shaft (Stainless; 1/4"D x 2.50"L)
ROB-12366
images are CC BY-NC-SA 3.0
Description: These 2.5" long stainless steel D-Shafts have a diameter of ¼". The flat
edge that runs the length of the shaft makes it an ideal drive shaft, when used with a
gear, pulley, or even a shaft coupler.
Dimensions:
• Length - 2.5”
• Diameter - 1/4”
• Flat Edge Width - 0.16"
2/11/2016
https://www.sparkfun.com/products/12366


Similar Part No. - ROB-12366

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12360 SPARKFUN-ROB-12360 Datasheet
89Kb / 1P
Smooth Belt - 1/8D (6.0 ID)
2/10/2016
ROB-12361 SPARKFUN-ROB-12361 Datasheet
93Kb / 1P
Clamping Hub - 5mm Bore
2/4/2016
ROB-12363 SPARKFUN-ROB-12363 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 8.00L)
2/11/2016
ROB-12364 SPARKFUN-ROB-12364 Datasheet
123Kb / 1P
Tube - Aluminum (1/2OD x 8.0L x 0.444ID)
8/3/2016
ROB-12365 SPARKFUN-ROB-12365 Datasheet
92Kb / 1P
Center Hole Adapters - 4 pack
8/3/2016
More results

Similar Description - ROB-12366

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12137 SPARKFUN-ROB-12137 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 7.00L)
2/11/2016
ROB-12290 SPARKFUN-ROB-12290 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.00L)
2/11/2016
ROB-12296 SPARKFUN-ROB-12296 Datasheet
93Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 1.50L)
2/11/2016
ROB-12340 SPARKFUN-ROB-12340 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 1.375L)
2/11/2016
ROB-12344 SPARKFUN-ROB-12344 Datasheet
89Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.25L)
2/11/2016
ROB-12363 SPARKFUN-ROB-12363 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 8.00L)
2/11/2016
ROB-12391 SPARKFUN-ROB-12391 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 6.00L)
2/11/2016
ROB-12483 SPARKFUN-ROB-12483 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 9.00L)
2/11/2016
ROB-12535 SPARKFUN-ROB-12535 Datasheet
93Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 1.00L)
2/12/2016
ROB-12555 SPARKFUN-ROB-12555 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.75L)
2/11/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com