Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0801634 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801634
Description  Cable sleeve - CES-LRG-BK-21
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801634 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801634 Datasheet HTML 1Page - PHOENIX CONTACT 0801634 Datasheet HTML 2Page - PHOENIX CONTACT 0801634 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0801634
12/11/2015   Page 1 / 3
Cable sleeve - CES-LRG-BK-21 - 0801634
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Large, slotted cable sleeves suitable for cables with a diameter of 20 ... 21 mm, material: NBR
Product Description
Slotted sleeves for accommodating pre-assembled cables and lines with a diameter of 20 ... 21 mm, can be used in CES sealing frames. When fitted,
the sleeves also ensure strain relief according to DIN EN 50262.  
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
30.0 g
Custom tariff number
40169300
Country of origin
Taiwan
Technical data
Dimensions
External cable diameter
1x 20 mm ... 21 mm
Length
53 mm
Width
39 mm
Height
17 mm
Ambient conditions
Degree of protection
IP54 (for sealing frames with screw locking. IP44 sealing frames with
locking latch.)
Ambient temperature (operation)
-40 °C ... 125 °C (static)
General
Product description
Slotted sleeves for accommodating pre-assembled cables and lines with a
diameter of 20 ... 21 mm, can be used in CES sealing frames. When fitted,
the sleeves also ensure strain relief according to DIN EN 50262.


Similar Part No. - 0801634

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801630 PHOENIX-0801630 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-5
09/11/2020
0801631 PHOENIX-0801631 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-20
09/11/2020
0801632 PHOENIX-0801632 Datasheet
238Kb / 6P
CES-SRG-BK-4 - Cable sleeve
0801633 PHOENIX-0801633 Datasheet
235Kb / 6P
CES-SRG-BK-3 - Cable sleeve
0801635 PHOENIX-0801635 Datasheet
65Kb / 3P
Cable sleeve - CES-SRG-BK-2
09/11/2020
More results

Similar Description - 0801634

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801626 PHOENIX-0801626 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-18
09/11/2020
0801631 PHOENIX-0801631 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-20
09/11/2020
0801637 PHOENIX-0801637 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-22
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801644 PHOENIX-0801644 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-27
09/11/2020
0801646 PHOENIX-0801646 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-28
09/11/2020
0801648 PHOENIX-0801648 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-29
09/11/2020
0801650 PHOENIX-0801650 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-30
09/11/2020
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801671 PHOENIX-0801671 Datasheet
67Kb / 4P
Blind sleeve - CES-LRG-BK
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com