Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVE67C Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LVE67C
Description  Power TOPLED짰 Enhanced optical Power LED (ATON짰)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVE67C Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LVE67C Datasheet HTML 3Page - OSRAM GmbH LVE67C Datasheet HTML 4Page - OSRAM GmbH LVE67C Datasheet HTML 5Page - OSRAM GmbH LVE67C Datasheet HTML 6Page - OSRAM GmbH LVE67C Datasheet HTML 7Page - OSRAM GmbH LVE67C Datasheet HTML 8Page - OSRAM GmbH LVE67C Datasheet HTML 9Page - OSRAM GmbH LVE67C Datasheet HTML 10Page - OSRAM GmbH LVE67C Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LB E67C, LV E67C, LT E67C
2002-07-17
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(30 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
V
OHL01619
1.5
verde,
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
2.5
3.5
4.5
5.5 V 6.5
true green
blue
F
OHL01488
0
IF
T
0
5
10
15
20
25
30
35
40
mA
50
A
T temp. ambient
20
40
60
80 ˚C 100
Estimated average degradation
= -50%
V
∆I
5000 h
10000 h
MTTF
MTTF
-1
10
-2
10
10
10
-3
-2
10
2
1
0
-1
10
10
I
F
10
mA
0
10
V
I
V (30 mA)
I
1
10
OHL00036
verde
true green
blue
OHL11489
0
IF
T
0
T temp. solder point
S
20
80
40
60
˚C 100
mA
5
10
15
20
25
30
35
S
> 5000 h
> 10000 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com