Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB32-HIM-RAS-SP-AI320X Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # HICTB32-HIM-RAS-SP-AI320X
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB32-HIM-RAS-SP-AI320X Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  HICTB32-HIM-RAS-SP-AI320X Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAS-SP-AI320X Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAS-SP-AI320X Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAS-SP-AI320X Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Termination Board
HiCTB32-HIM-RAS-SP-AI320X
< System board for HIMA, HIMax
< For 32-channel cards X-AI 32 01 or X-AI 32 02 (AI)
< For 32 modules
< Recommended module: HiC2027 (AI)
< 24 V DC supply
< Hazardous area: spring terminals, blue
< Non-hazardous area: HIMA system connector, 96-pin
< Non-hazardous area: spring terminals, black
Function
The function of the Termination Board and the connector pin assignment is exactly fitted to the requirements of HIMA system.
The signal is output to the process control system via the system connector and additionally via spring terminals (signal splitter function).
Information about a missing supply voltage of the isolated barriers is available for the system as a volt-free contact.
Wiring errors from field side will be reported via the same relay contact, if this function supported by the the isolated barriers.
The Termination Board has a robust glass fiber reinforced plastic housing.
The Termination Board is mounted in the switch cabinet on a 35 mm DIN mounting rail according to EN 60175.
Connection
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
25
26
27
28
29
30
31
32
17
18
19
20
21
22
23
24
XG1
XG2
Zone 0, 1, 2
Div. 1, 2
24 V DC (I),
24 V DC (II),
Fault
HIMA
HIMax
X-AI 32 01
X-AI 32 02
(32 AI)
mA
2+
5-
1+
4-
12+
15-
Output II
HART 2
M17 ... M32
HART 1
M1 ... M16
Technical Data
Supply
Connection
XG2: terminals 1, 3 (+); 2, 4 (-)
Nominal voltage
24 V DC , in consideration of rated voltage of used isolators
Voltage drop
0.9 V , voltage drop across the series diode on the termination board must be
considered
Ripple
≤ 10 %
Fusing
4 A , in each case for 32 modules
Power dissipation
≤ 500 mW , without modules
Reverse polarity protection
yes
Redundancy
Supply
Redundancy available. The supply for the isolators is decoupled, monitored and fused.
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - HICTB32-HIM-RAS-SP-AI320X

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HICTB32-HIM-RAS-SP-DI3202 PF-HICTB32-HIM-RAS-SP-DI3202 Datasheet
1Mb / 4P
Termination Board
HICTB32-HIM-RAS-SP-DI320X PF-HICTB32-HIM-RAS-SP-DI320X Datasheet
1Mb / 4P
Termination Board
More results

Similar Description - HICTB32-HIM-RAS-SP-AI320X

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FC-GPCS-RIO16-PF PF-FC-GPCS-RIO16-PF Datasheet
997Kb / 6P
Termination Board
FC-GPCS-SAO08-PF PF-FC-GPCS-SAO08-PF Datasheet
1Mb / 4P
Termination Board
HICTB08-FBM-RAC-SC-IO08 PF-HICTB08-FBM-RAC-SC-IO08 Datasheet
1Mb / 5P
Termination Board
HICTB08-SDC-44C-SC-RA PF-HICTB08-SDC-44C-SC-RA Datasheet
1Mb / 5P
Termination Board
HICTB16-TRI-DIISS-EL-PL PF-HICTB16-TRI-DIISS-EL-PL Datasheet
1Mb / 4P
Termination Board
HICTB16-TRX-RAC-PL-AI16 PF-HICTB16-TRX-RAC-PL-AI16 Datasheet
1Mb / 4P
Termination Board
HICTB16-TRX-RAC-PL-IO16 PF-HICTB16-TRX-RAC-PL-IO16 Datasheet
1Mb / 4P
Termination Board
HIDTB16-SDC-44C-SC-RA PF-HIDTB16-SDC-44C-SC-RA Datasheet
1Mb / 5P
Termination Board
HIDTB08-SDC-44C-SC-RA PF-HIDTB08-SDC-44C-SC-RA Datasheet
1Mb / 5P
Termination Board
HIDTB08-SDC-49C-SC-RA PF-HIDTB08-SDC-49C-SC-RA Datasheet
1Mb / 5P
Termination Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com