Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB32-HIM-RAS-SP-DI3202 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HICTB32-HIM-RAS-SP-DI3202
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB32-HIM-RAS-SP-DI3202 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HICTB32-HIM-RAS-SP-DI3202 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAS-SP-DI3202 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAS-SP-DI3202 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAS-SP-DI3202 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Fault indication output
Connection
XG2: terminals 5, 6
Output type
volt-free contact
Switch behaviour
no fault: relay contact closed
power supply fault: relay contact open
module fault: relay contact open
Contact loading
30 V DC, 1 A
Indicators/settings
Display elements
LED PWR1 (termination board power supply), green LED
LED PWR2 (termination board power supply), green LED
LED FAULT (fault indication), red LED
- LED lits: power supply fault
- LED flashes: module fault
LED Run, green LED
- The HIMax I/O module is supplied with power and is connected to the Termination
Board (FTA) via a system cable.
LED Field, red LED
- The HIMax I/O module detects faults in the connection between HIMax I/O module
and Termination Board (FTA).
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2012
For further information see system description.
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Degree of protection
IP20
Connection
Field side
explosion hazardous area: spring terminals , blue
Control side
non-explosion hazardous area: HIMA system connector, 96-pin and spring terminals ,
black
Supply
pluggable spring terminals , black
Fault output
pluggable spring terminals , black
Core cross-section
spring terminals: 0.25 ... 1.5 mm2 (24 ... 16 AWG)
Material
housing: polycarbonate, 10 % glass fiber reinforced
Mass
approx. 1400 g
Dimensions
432 x 200 x 163 mm (17 x 7.9 x 6.42 inch) , height including module assembly
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
Data for application in connection with hazardous areas
EU-type examination certificate
CESI 06 ATEX 022
Marking
1
II (1)G [Ex ia Ga] IIC
1
II (1)D [Ex ia Da] IIIC
1
I (M1) [Ex ia Ma] I
Non-hazardous area
Maximum safe voltage
250 V (Attention! Um is no rated voltage.)
Galvanic isolation
Field circuit/control circuit
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012 , EN 50303:2000
International approvals
UL approval
E106378
Control drawing
116-0327
IECEx approval
IECEx certificate
IECEx CES 06.0003
Termination Board
HiCTB32-HIM-RAS-SP-DI3202
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com