Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HID2900TOP Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HID2900TOP
Description  Terminal Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2900TOP Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HID2900TOP Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2900TOP Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2900TOP Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Internal resistor
Ri
250 Ω via DIP switch and programmable
Field circuit
Connection
terminals 1, 2, 3, 4
Signal
0 ... 20 mA
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
For further information see system description.
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
0 ... 60 °C (32 ... 140 °F)
Relative humidity
5 ... 90 %, non-condensing up to 35 °C (95 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 140 g
Dimensions
18 x 114 x 135 mm (0.7 x 4.5 x 5.3 inch) (W x H x D)
Mounting
on Termination Board
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Assembly
HiD
2900
Top
2 ch
Pass
Through
CH1
CH2
Test Point
Test Point
+
-
+
-
Front view
Test point
channel 1 (TP1)
Test point
channel 2 (TP2)
Terminal block
Accessories
H-CJC-SP-8
Resistance thermometer for cold junction compensation for H-System termination boards
H-CJC-SC-8
Resistance thermometer for cold junction compensation for H-System termination boards
Terminal Module
HiD2900TOP
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com