Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFSM Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFSM
Description  Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFSM Datasheet(HTML) 2 Page - Schurter Inc.

  PFSM_V02 Datasheet HTML 1Page - Schurter Inc. PFSM_V02 Datasheet HTML 2Page - Schurter Inc. PFSM_V02 Datasheet HTML 3Page - Schurter Inc. PFSM_V02 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Resettable Fuses
PFSM
https://www.schurter.com /PG01_1
Circuit Protection
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
62319-1-1
Polymeric thermistors. Part 1-1: Current limiting application
Designed according to
IEC 62319-1-1
Miniature fuses. Part 2. Cartridge fuse links
Designed according to
UL 1434
Thermistor-type devices
Designed according to
CSA 22.2 No. 0 TIL No. CA-3A
General requirements - Canadian electrical code, part II
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
UKCA declaration of conformity
SCHURTER AG
The UKCA marking declares that the product complies with the applicable
requirements laid down in the British Amendment of Regulation (EC)
765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
AC
EF
D
H
B
G
9.7
2.3
2.3
Solder pads PFSM.030.2 - PFSM.125.2 and PFSM.260.2
10.7
2.3
2.3
Solder pads PFSM.150.2, PFSM.200.2 and PFSM.250.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com