Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6AF4 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB6AF4
Description  Head for illuminated push button, Harmony XB6, red flush pushbutton 횠 16 latching integral LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6AF4 Datasheet(HTML) 1 Page - Schneider Electric

  ZB6AF4 Datasheet HTML 1Page - Schneider Electric ZB6AF4 Datasheet HTML 2Page - Schneider Electric ZB6AF4 Datasheet HTML 3Page - Schneider Electric ZB6AF4 Datasheet HTML 4Page - Schneider Electric ZB6AF4 Datasheet HTML 5Page - Schneider Electric ZB6AF4 Datasheet HTML 6Page - Schneider Electric ZB6AF4 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Head for illuminated push button,
Harmony XB6, red flush pushbutton
Ø 16 latching integral LED
ZB6AF4
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 14.40 USD
Main
Range of Product
Harmony XB6
Product or Component Type
Head for illuminated push-button
Product Compatibility
Integral LED
Device short name
ZB6
Bezel material
Plastic
Mounting diameter
0.63 in (16 mm)
Sale per indivisible quantity
1
Shape of signaling unit head
Round
Type of operator
latching
Operator profile
Red flush, unmarked
Complementary
CAD overall width
0.71 in (18 mm)
CAD overall height
0.71 in (18 mm)
CAD overall depth
1.30 in (33 mm)
Net Weight
0.04 lb(US) (0.016 kg)
Resistance to high pressure
washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
Mechanical durability
300000 cycles
Environment
Protective treatment
TC
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient air temperature for
operation
-13…158 °F (-25…70 °C)
Electrical shock protection
class
Class II IEC 61140
IP degree of protection
IP65 IEC 60529
NEMA degree of protection
NEMA 13 UL 50
NEMA 4 UL 50
NEMA 4X UL 50
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 21, 2022
1


Similar Part No. - ZB6AF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB6AF4 ETC1-ZB6AF4 Datasheet
5Mb / 34P
Harmony??XB6/ZB6 16 mm push buttons
More results

Similar Description - ZB6AF4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6AF3 SCHNEIDER-ZB6AF3 Datasheet
174Kb / 7P
Head for illuminated push button, Harmony XB6, green flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6AF6 SCHNEIDER-ZB6AF6 Datasheet
149Kb / 6P
Head for illuminated push button, Harmony XB6, blue flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6CF1 SCHNEIDER-ZB6CF1 Datasheet
184Kb / 7P
Head for illuminated push button, Harmony XB6, white square flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6CF3 SCHNEIDER-ZB6CF3 Datasheet
179Kb / 7P
Head for illuminated push button, Harmony XB6, green square flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6CF4 SCHNEIDER-ZB6CF4 Datasheet
179Kb / 7P
Head for illuminated push button, Harmony XB6, red square flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6CF5 SCHNEIDER-ZB6CF5 Datasheet
183Kb / 7P
Head for illuminated push button, Harmony XB6, yellow square flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6DF1 SCHNEIDER-ZB6DF1 Datasheet
185Kb / 7P
Head for illuminated push button, Harmony XB6, white rectang flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6DF3 SCHNEIDER-ZB6DF3 Datasheet
183Kb / 7P
Head for illuminated push button, Harmony XB6, green rectang flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6DF4 SCHNEIDER-ZB6DF4 Datasheet
156Kb / 7P
Head for illuminated push button, Harmony XB6, red rectang flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
ZB6DF5 SCHNEIDER-ZB6DF5 Datasheet
195Kb / 7P
Head for illuminated push button, Harmony XB6, yellow rectang flush pushbutton 횠 16 latching integral LED
Jan 21, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com