Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6CD02 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB6CD02
Description  Head for selector switch, Harmony XB6, illuminated square 횠 16 2 position stay put
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6CD02 Datasheet(HTML) 2 Page - Schneider Electric

  ZB6CD02 Datasheet HTML 1Page - Schneider Electric ZB6CD02 Datasheet HTML 2Page - Schneider Electric ZB6CD02 Datasheet HTML 3Page - Schneider Electric ZB6CD02 Datasheet HTML 4Page - Schneider Electric ZB6CD02 Datasheet HTML 5Page - Schneider Electric ZB6CD02 Datasheet HTML 6Page - Schneider Electric ZB6CD02 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
JIS C 852
CSA C22.2 No 14
JIS C8201-5-1
UL 508
JIS C8201-1
Product Certifications
UL
CSA
CCC
GOST
Vibration resistance
+/- 3 mm 2…500 Hz)IEC 60068-2-6
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22459 - PUSHBUTTONS, 16MM
Discount Schedule
CS2
GTIN
3389110777161
Nbr. of units in pkg.
1
Package weight(Lbs)
0.39 oz (11 g)
Returnability
No
Country of origin
ES
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.36 in (6 cm)
Package 1 width
2.76 in (7 cm)
Package 1 Length
5.12 in (13 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
5
Package 2 Weight
2.08 oz (59 g)
Package 2 Height
2.36 in (6 cm)
Package 2 width
2.76 in (7 cm)
Package 2 Length
5.12 in (13 cm)
Unit Type of Package 3
S02
Number of Units in Package 3
100
Package 3 Weight
3.44 lb(US) (1.56 kg)
Package 3 Height
5.91 in (15 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP),
which is known to the State of California to cause birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
2
Jan 21, 2022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com