Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6CD08 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB6CD08
Description  Head for selector switch, Harmony XB6, illuminated square 횠 16 2 position stay put
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6CD08 Datasheet(HTML) 2 Page - Schneider Electric

  ZB6CD08 Datasheet HTML 1Page - Schneider Electric ZB6CD08 Datasheet HTML 2Page - Schneider Electric ZB6CD08 Datasheet HTML 3Page - Schneider Electric ZB6CD08 Datasheet HTML 4Page - Schneider Electric ZB6CD08 Datasheet HTML 5Page - Schneider Electric ZB6CD08 Datasheet HTML 6Page - Schneider Electric ZB6CD08 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CSA C22.2 No 14
JIS C 852
JIS C8201-5-1
EN/IEC 60947-5-5
JIS C8201-1
Product Certifications
CSA
CCC
GOST
UL
Vibration resistance
+/- 3 mm 2…500 Hz)IEC 60068-2-6
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22459 - PUSHBUTTONS, 16MM
Discount Schedule
CS2
GTIN
3389110070743
Nbr. of units in pkg.
1
Package weight(Lbs)
0.39 oz (11 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.12 in (13 cm)
Package 1 width
2.17 in (5.5 cm)
Package 1 Length
2.44 in (6.2 cm)
Unit Type of Package 2
CAR
Number of Units in Package 2
5
Package 2 Weight
1.98 oz (56 g)
Package 2 Height
5.12 in (13 cm)
Package 2 width
2.17 in (5.5 cm)
Package 2 Length
2.44 in (6.2 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP),
which is known to the State of California to cause birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
2
Jan 21, 2022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com