Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12412 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12412
Description  Shaft Coupler - 1/4 to 3mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12412 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12412 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shaft Coupler - 1/4" to 3mm"
ROB-12412
images are CC BY-NC-SA 3.0
3D Download: STL, IGES, STEP
Description: These stainless steel shaft couplers allow you to couple two size shafts
together. They can be used for connecting motor shafts to drive shafts, or two
different-sized shafts. These shaft couplers have a length of 0.75”, a outer diameter of
0.42”, and couple 1/4” to 3mm shafts.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Length - 0.75”
• Diameter - 0.42”
• Bore A ID - 1/4”
• Bore B ID - 3mm
1/15/2016
https://www.sparkfun.com/products/12412


Similar Part No. - ROB-12412

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12410 SPARKFUN-ROB-12410 Datasheet
93Kb / 1P
Smooth Belt - 1/8D (9.0 ID)
2/10/2016
ROB-12411 SPARKFUN-ROB-12411 Datasheet
93Kb / 1P
Set Screw Hub - 3/16 Bore
2/5/2016
ROB-12413 SPARKFUN-ROB-12413 Datasheet
91Kb / 1P
Hub Arm - Double (6)
2/3/2016
ROB-12414 SPARKFUN-ROB-12414 Datasheet
92Kb / 1P
Clamping Hub - 1 Bore (Threaded)
2/5/2016
ROB-12416 SPARKFUN-ROB-12416 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 5.00L)
2/11/2016
More results

Similar Description - ROB-12412

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12127 SPARKFUN-ROB-12127 Datasheet
92Kb / 1P
Shaft Coupler - 1/4 to 3/16
1/15/2016
ROB-12211 SPARKFUN-ROB-12211 Datasheet
196Kb / 1P
Shaft Coupler - 1/4 to 6mm
1/15/2016
ROB-12244 SPARKFUN-ROB-12244 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 1/8
1/15/2016
ROB-12251 SPARKFUN-ROB-12251 Datasheet
90Kb / 1P
Shaft Coupler - 1/4 to 1/4
1/15/2016
ROB-12325 SPARKFUN-ROB-12325 Datasheet
88Kb / 1P
Shaft Coupler - 1/4 to 5mm
1/15/2016
ROB-12350 SPARKFUN-ROB-12350 Datasheet
157Kb / 1P
Shaft Spacer - 1/4
8/3/2016
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
Shaft Coupler - 3/8 to 3/8
1/15/2016
ROB-12477 SPARKFUN-ROB-12477 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 3/8
1/15/2016
ROB-12493 SPARKFUN-ROB-12493 Datasheet
94Kb / 2P
Shaft Coupler - 1/4 to 4mm
1/15/2016
ROB-12496 SPARKFUN-ROB-12496 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 5/16
1/15/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com