Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIDTB16-HIM-RAC-SP-AI320X Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # HIDTB16-HIM-RAC-SP-AI320X
Description  Termination Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIDTB16-HIM-RAC-SP-AI320X Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  HIDTB16-HIM-RAC-SP-AI320X Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIDTB16-HIM-RAC-SP-AI320X Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIDTB16-HIM-RAC-SP-AI320X Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIDTB16-HIM-RAC-SP-AI320X Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIDTB16-HIM-RAC-SP-AI320X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HiDTB16-HIM-RAC-SP-AI320X
5
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Module switch settings
Type
DIP switch
Position
HiD2082 (TI)
Source 4 mA ... 20 mA
S1
ON
S2
OFF
S3
OFF
S4
OFF
S5
ON
S6
OFF
S7
OFF
S8
OFF
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
Termination Board
Field side
Control side
SL1
7a
8a
9a
10a
9a
10a
Fault
Module 16
SL1
7a
8a
+-
XG2
+
-
56
13
24
F2
F1
24 VDC
24 VDC
Fault
&
HiD2082
Module 1
HiD2082
XG1
HIMax
X-AI 32 01
X-AI 32 02
a32-
a25
b32
b2
a1-
a8
b1
b31
a32-
a25
a1-
a8
c32-
c1
c1-
c32
AI 1+
AI -
b31
b2
AI 2+
AI 31+
n.c.
n.c.
a24-
a5
a9-
a28
n.c.
n.c.
AI -
b1
b32
AI 32+
a1
a32
a2
a31
a3
a30
a4
a29
reserved
reserved
reserved
reserved
HIMA
system
cable
HIMax
Diagnosis:
Run
Field
1a
5a
SL2
1
2
5b
1b
5
4
3a
7a
7
3
7b
3b
6
8
M1
1a
5a
SL2
1
2
5b
1b
5
4
3a
7a
7
3
7b
3b
6
8
M16
1
2
V
T
V
CJC
6
3
7
8
5
2
1
4
31
32
V
T
V
CJC
-
+
-
+
-
+
-
+
6
3
7
8
5
2
1
4
-
+
-
+
-
+
-
+
AI -
AI 1+
AI -
AI 31+
AI 2+
AI 32+
GND
VCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com