Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6376 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6376
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6376 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6376 Datasheet HTML 9Page - Torex Semiconductor XC6376 Datasheet HTML 10Page - Torex Semiconductor XC6376 Datasheet HTML 11Page - Torex Semiconductor XC6376 Datasheet HTML 12Page - Torex Semiconductor XC6376 Datasheet HTML 13Page - Torex Semiconductor XC6376 Datasheet HTML 14Page - Torex Semiconductor XC6376 Datasheet HTML 15Page - Torex Semiconductor XC6376 Datasheet HTML 16Page - Torex Semiconductor XC6376 Datasheet HTML 17Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
XC6376/6377
Series
589
5
(2) EFFICIENCY vs. OUTPUT CURRENT
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6377A333
5.0V
VIN=3.96V
L=22μH(CR54)
8.0V
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6376A333
5.0V
VIN=3.96V
L=22μH(CR54)
8.0V
10.0V
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6377A333
5.0V
VIN=3.96V
L=10μH(CR54)
8.0V
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6377A333
5.0V
VIN=4.0V
L=47μH(CR105)
8.0V
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6377A503
10.0V
VIN=6.0V
L=22μH(CR54)
8.0V
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6376A503
10.0V
6.0V
L=22μH(CR54)
8.0V
Note: <External component> CIN = 47
µF (Tantalum)
05S_3XC6376/77 02.09.12 15:20 ページ 589



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com