Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7308FRRPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FRRPR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308FRRPR Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7308FRRPR Datasheet HTML 1Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 2Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 3Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 4Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 5Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 6Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 7Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 8Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
1
A0
16
A1
2
EN
15
GND
3
VSS
14
VDD
4
S1A
13
S1B
5
S2A
12
S2B
6
S3A
11
S3B
7
S4A
10
S4B
8
DA
9
DB
Not to scale
Figure 6-3. (Preview) PW Package
16-Pin TSSOP, Top View
1
VSS
12
VDD
2
S1A
11
S1B
3
S2A
10
S2B
4
S3A
9
S3B
Not to scale
Thermal
Pad
Figure 6-4. RRP Package
16-Pin WQFN, Top View
Table 6-2. Pin Functions: TMUX7309F
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP(2)
WQFN
A0
1
15
I
Logic control input address 0 (A0), has internal 4 MΩ pull-down resistor. Controls switch state
as shown in Section 9.4.3.
EN
2
16
I
Active high logic enable (EN) pin, has internal 4 MΩ pull-down resistor. The device is disabled
and all switches become high impedance when the pin is low. When the pin is high, the Ax
logic inputs determine individual switch states as shown in Section 9.4.3.
VSS
3
1
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
S1A
4
2
I/O
Overvoltage protected source pin 1A. Can be an input or output.
S2A
5
3
I/O
Overvoltage protected source pin 2A. Can be an input or output.
S3A
6
4
I/O
Overvoltage protected source pin 3A. Can be an input or output.
S4A
7
5
I/O
Overvoltage protected source pin 4A. Can be an input or output.
DA
8
6
I/O
Drain terminal A. Can be an input or output. The drain pin is not overvoltage protected.
DB
9
7
I/O
Drain terminal B. Can be an input or output. The drain pin is not overvoltage protected.
S4B
10
8
I/O
Overvoltage protected source pin 4B. Can be an input or output.
S3B
11
9
I/O
Overvoltage protected source pin 3B. Can be an input or output.
S2B
12
10
I/O
Overvoltage protected source pin 2B. Can be an input or output.
S1B
13
11
I/O
Overvoltage protected source pin 1B. Can be an input or output.
VDD
14
12
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and
GND.
GND
15
13
P
Ground (0 V) reference
A1
16
14
I
Logic control input address 1 (A1), has internal 4 MΩ pull-down resistor. Controls switch state
as shown in Section 9.4.3.
Thermal Pad
P
The thermal pad is not connected internally. It is recommended that the pad be tied to GND or
VSS for best performance.
(1)
I = input, O = output, I/O = input and output, P = power
(2)
Preview package
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com