Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9503B092AL Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9503B092AL
Description  2ch Step-down DC/DC Controller ICs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503B092AL Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9503B092AL Datasheet HTML 9Page - Torex Semiconductor XC9503B092AL Datasheet HTML 10Page - Torex Semiconductor XC9503B092AL Datasheet HTML 11Page - Torex Semiconductor XC9503B092AL Datasheet HTML 12Page - Torex Semiconductor XC9503B092AL Datasheet HTML 13Page - Torex Semiconductor XC9503B092AL Datasheet HTML 14Page - Torex Semiconductor XC9503B092AL Datasheet HTML 15Page - Torex Semiconductor XC9503B092AL Datasheet HTML 16Page - Torex Semiconductor XC9503B092AL Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
(1) Output Voltage vs. Output Current (continued)
* When setting VOUT1, 2 =1.0V, VIN=8.0V, 10.0V,
CL should be 94
µF (Tantalum) + 100µF (OS-COM)
XC9503 Series
2ch. Step-down DC/DC Controller ICs
FOSC=300kHz, VOUT1, 2=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM Control
L=22
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10.0V
VIN=4.2V 5.0V 6.0V 8.0V
FOSC=300kHz, VOUT1, 2=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM/PFM Switching Control
L=22
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10.0V
VIN=4.2V 5.0V 6.0V 8.0V
FOSC=300kHz, VOUT1, 2=5.0V
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM Control
L=22
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10.0V
VIN= 6.0V 8.0V
FOSC=300kHz, VOUT1, 2=5.0V
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM/PFM Switching Control
L=22
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10.0V
VIN= 6.0V 8.0V
FOSC=180kHz, VOUT1, 2=1.0V
0.7
0.8
0.9
1.0
1.1
1.2
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM Control
L=47
µH(CDRH6D38), CL=94µF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10.0V
VIN=2.7V 3.3V 4.2V
5.0V 6.0V 8.0V
FOSC=180kHz, VOUT1, 2=1.0V
0.7
0.8
0.9
1.0
1.1
1.2
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM/PFM Switching Control
L=47
µH(CDRH6D38), CL=94µF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10.0V
4.2V 5.0V 6.0V 8.0V
VIN=2.7V 3.0V
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com