Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-ADP-USB Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # K-ADP-USB
Description  Adapter with USB Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

K-ADP-USB Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  K-ADP-USB Datasheet HTML 1Page - Pepperl+Fuchs Inc. K-ADP-USB Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Galvanic isolation
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 55032:2012
EN 61000-3-2:2014
EN 61000-3-3:2013
EN 61000-4-2:2009
EN 61000-4-3:2006+A1:2008+A2:2010
EN 61000-4-4:2012
EN 61000-4-6:2014
EN 61000-4-8:2010
EN 61000-4-11:2004
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Connection
Device
1 x connector 3.5 mm and 3.55 mm
Computer
1 x Type A USB
Mass
85 g
Cable length
3 m
Matching System Components
KFD2-UFC-Ex1.D
24 V DC
KFD2-UFC-1.D
24 V DC
KCD2-UT2-Ex1
Current output 0/4 mA ... 20 mA
KFD2-HLC-Ex1.D.4S
KFD2-CRG2-1.D
KFU8-CRG2-Ex1.D
KFU8-CRG2-1.D
KFD2-HLC-Ex1.D
KFD2-HLC-Ex1.D.2W
KCD2-UT2-1
Current output 0/4 mA ... 20 mA
KFD2-GUT-Ex1.D
KFD2-GUT-1.D
KFD2-CRG2-Ex1.D
Adapter with USB Interface
K-ADP-USB
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com