Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8710 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8710
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8710 Datasheet HTML 12Page - Analog Devices LT8710 Datasheet HTML 13Page - Analog Devices LT8710 Datasheet HTML 14Page - Analog Devices LT8710 Datasheet HTML 15Page - Analog Devices LT8710 Datasheet HTML 16Page - Analog Devices LT8710 Datasheet HTML 17Page - Analog Devices LT8710 Datasheet HTML 18Page - Analog Devices LT8710 Datasheet HTML 19Page - Analog Devices LT8710 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LT8357
16
Rev. 0
For more information www.analog.com
Loop Compensation
The LT8357 uses an internal transconductance error ampli-
fier, the output of which, VC, compensates the control loop.
The external inductor, output capacitor, and the compensa-
tion resistor and capacitor determine the loop stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor on the VC pin are set to optimize control
loop response and stability. For a typical application, a
2.2nF compensation capacitor on the VC pin is adequate,
and a series resistor should always be used to increase
the slew rate on the VC pin to maintain tight output voltage
regulation during fast transients.
APPLICATION CIRCUITS
The LT8357 can be configured in different topologies. The
first topology to be analyzed will be the boost converter,
followed by the flyback and SEPIC converters.
Boost Converter: Switch Duty Cycle and Frequency
The LT8357 can be configured as a boost converter for
applications where the converter output voltage is higher
than the input voltage. Remember that boost convert-
ers are not short-circuit protected. Under a shorted out-
put condition, the inductor current is limited only by the
input supply capability. For applications requiring a step-
up converter that is short-circuit protected, please refer
to the Applications Information section covering SEPIC
converters.
The conversion ratio as a function of duty cycle is
VOUT
VIN
=
1
1−D
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
APPLICATIONS INFORMATION
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT −VIN(MIN)
VOUT
Discontinuous conduction mode (DCM) provides higher
conversion ratios at a given frequency but at the cost of
reduced efficiencies and higher switching currents.
Boost Converter: Inductor and Sense Resistor
Selection
For the boost topology, the maximum average inductor
current is:
IL(MAX) =IO(MAX)•
1
1−DMAX
Then, the ripple current can be calculated by:
ΔIL = χ•IL(MAX) = χ•IO(MAX)•
1
1−DMAX
The constant χ in the preceding equation represents the
percentage peak-to-peak ripple current in the inductor,
relative to IL(MAX).
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
ΔIL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ΔIL provides fast transient
response and allows the use of low inductances, but
results in higher input current ripple and greater core
losses. It is recommended that χ fall within the range of
0.2 to 0.6.
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value of the boost converter can
be determined using the following equation:
L =
VIN(MIN)
ΔIL •f
•DMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com