Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8335 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8335
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 3 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LT8357
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 3). VIN = 12V, EN/UVLO = 1.5V, CINTVCC = 2.2µF to GND, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Linear Regulator
INTVCC Regulation Voltage
IINTVCC = 20mA
4.70
4.95
5.20
V
INTVCC Current Limit
VINTVCC = 4.5V
40
60
80
mA
INTVCC Undervoltage Lockout Threshold
Falling
2.4
2.5
2.6
V
INTVCC Undervoltage Lockout Hysteresis
100
mV
Error Amplifier
FB Regulation Voltage
l
0.985
1.000
1.015
V
FB Line Regulation
3V < VIN < 60V
0.1
0.4
%
FB Input Bias Current
VFB = 1V
–20
20
nA
FB Error Amplifier Transconductance gm
200
µS
VC Output Impedance
2
MΩ
Current Comparator
SENSE Maximum Current Threshold
VFB = 0.85V, VSYNC/MODE = 0V
l
45
60
75
mV
SENSE Burst Current Threshold
VFB = 1.05V, VSYNC/MODE = 0V
10
mV
SENSE Over Current Threshold
105
mV
SENSE Pin Bias Current
VFB = 1.05V, VSENSE = 0V, Out of Pin
27
µA
Fault
PGOOD Upper Threshold Offset from VFB
Rising
l
6
8
10
%
PGOOD Lower Threshold Offset from VFB
Falling
l
–10
–8
–6
%
PGOOD Pull-Down Resistance
110
Ω
SS Strong Pull-Down Resistance
55
Ω
SS Pull-Up Current
VSS = 0V
15
µA
SS Pull-Down Current
VSS = 2V
1.5
µA
Oscillator
Switching Frequency
RT = 95.3kΩ
RT = 15.0kΩ
l
315
1900
350
2000
385
2100
kHz
kHz
SYNC Frequency
fSYNC/MODE = fRT
100
2000
kHz
SYNC Threshold Voltage
0.4
2.5
V
Highest Spread Spectrum Above Oscillator
Frequency
VSYNC/MODE = 5V, RT = 95.3kΩ
VSYNC/MODE = 5V, RT = 15.0kΩ
19
19
%
%
Gate Driver
GATE Pull-Up Resistance
2.2
Ω
GATE Pull-Down Resistance
0.9
Ω
GATE Minimum Duty Cycle
RT = 95.3kΩ
RT = 15.0kΩ
2
8
3.5
11
5
14
%
%
GATE Maximum Duty Cycle
RT = 95.3kΩ
RT = 15.0kΩ
92.5
87
95
90
97.5
93
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com