Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-418-WRT-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-418-WRT-RPS
Description  connectors and custom colors are available for volume OEM customers.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-418-WRT-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-418-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-418-WRT-RPS Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Revised 12/9/13
Product Description
The WRT Series antenna is ideally suited for
applications such as wireless vending, security,
traffic, or power equipment which require an
unobtrusive, tamper-resistant antenna solution.
The small 27 mm radome installs through a
small hole on the product and is anchored by a
threaded base. An adhesive foam compression
ring is used to resist the elements. The antenna
also features an integral counterpoise, which
reduces the need for a proximity ground plane.
The antenna is suited for mounting in applications
where the counterpoise will not be shielded
from the antenna (non-conductive or open metal
enclosures); installation where the counterpoise is
within a shielded enclosure will affect the antenna
performance. The antenna’s coax feed is available
with SMA or RP-SMA terminations. Alternate
coax lengths, connectors and custom colors are
available for volume OEM customers.
Features
• Low cost
• Unobtrusive
• Tamper resistant
• Integral counterpoise
• Indoor / outdoor
• Adhesive or permanent mount
Electrical Specifications
Center Frequency:
418MHz
Recom. Freq. Range:
409–426MHz
VSWR:
≤ 1.9 typical at center
Peak Gain:
–1.3dBi
Impedance:
50-ohms
Oper. Temp. Range:
–30° to +90°C
Max. Recom. Torque:
4.0 kgf-cm
Electrical specifications and plots measured on 10.16 cm x
10.16 cm (4.00” x 4.00”) reference ground plane
ANT-418-WRT-xxx
Data Sheet
by
Ordering Information
ANT-418-WRT-RPS (with RP-SMA connector)
ANT-418-WRT-SMA (with SMA connector)
19.0 mm
(0.75")
RG-174 Cable Length
216.0 mm
(8.50”)
5.26 mm
(0.207")
27.0 mm
(1.06")
6.0 mm
(0.24")
83.8 mm
(3.30")
M11x1.0 mm
Thread
Adhesive Ring
Remove protective plastic
before installation


Similar Part No. - ANT-418-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-418-CW-HD ETC2-ANT-418-CW-HD Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-418-CW-HW ETC2-ANT-418-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HW-SMA ETC2-ANT-418-CW-HW-SMA Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
logo
Linx Technologies
ANT-418-CW-HWR LINX-ANT-418-CW-HWR Datasheet
403Kb / 2P
HWR Series antennas deliver outstanding performance in a rugged and cosmetically attractive package.
8/1/2017
logo
List of Unclassifed Man...
ANT-418-CW-HWR-RPS ETC2-ANT-418-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
More results

Similar Description - ANT-418-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-1.4-CW-HWR-RPS ETC2-ANT-1.4-CW-HWR-RPS Datasheet
120Kb / 1P
Custom colors and terminations for volume OEMs
ANT-2.4-CW-HWR-RPS ETC2-ANT-2.4-CW-HWR-RPS Datasheet
137Kb / 1P
Custom colors and terminations for volume OEMs
ANT-315-CW-HW ETC2-ANT-315-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-315-CW-HWR-RPS ETC2-ANT-315-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HWR-RPS ETC2-ANT-418-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HW ETC2-ANT-433-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HW ETC2-ANT-418-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HWR-XXX ETC2-ANT-433-CW-HWR-XXX Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com