Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-8/9-VDP-2000-RPS Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-8/9-VDP-2000-RPS
Description  Remote Adhesive-Mount 868 MHz/915 MHz Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-8/9-VDP-2000-RPS Datasheet(HTML) 2 Page - Linx Technologies

  ANT-8/9-VDP-2000-RPS Datasheet HTML 1Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 2Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 3Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 4Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 5Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 6Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 7Page - Linx Technologies ANT-8/9-VDP-2000-RPS Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Datasheet
VDP Industrial Series
ANT-8/9-VDP-2000-ccc
Product Dimensions
Figure 1 provides dimensions of the ANT-8/9-
VDP-2000. The antenna comes with 2 m (78.74 in)
of RG-174/U low-loss coaxial cable terminated by an
SMA plug (male pin) or RP-SMA plug (female socket)
connector.
Antenna Mounting
The remote adhesive-mount VDP industrial series
antenna mounts permanently to non-conductive
surfaces using the integrated adhesive patch. The
mounting surface should be clean, dry and free of oil
residue for ideal adhesion.
Packaging Information
The VDP industrial series antennas are packaged in
bags of 50. Distribution channels may offer alternative
packaging options.
126.0 mm
(4.96 in)
22.0 mm
(0.87 in)
6.2 mm
(0.24 in)
8.7 mm
(0.34 in)
Ø2.8 mm
(0.11 in)
115.0 mm
(4.53 in)
Figure 1. ANT-8/9-VDP-2000 Antenna Dimensions
Table 1. Electrical Specifications
ANT-8/9-VDP-2000
868 MHz
915 MHz
Frequency Range
862 MHz to 876 MHz
902 MHz to 930 MHz
VSWR (max)
1.8
2.1
Peak Gain (dBi)
4.5
3.5
Average Gain (dBi)
-3.7
-3.7
Efficiency (%)
43
44
Polarization
Linear
Radiation
Omnidirectional
Impedance
50
Ω
Max Power
10 W
Wavelength
1/2-wave
Electrical Type
Dipole
Table 2. Mechanical Specifications
ANT-8/9-VDP-2000
868 MHz/915 MHz
Connection
SMA plug (male pin) or RP-SMA plug (female socket)
Cable
2.0 m (78.74 in) of RG-174/U low-loss coaxial cable
Operating Temp. Range
-40 °C to +85 °C
Weight
47.0 g (1.66 oz)
Dimensions
115.0 mm x 22.0 mm x 6.2 mm (4.53 in x 0.87 in x 0.24 in)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com