Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP183GS
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP183GS Datasheet HTML 3Page - Analog Devices OP183GS Datasheet HTML 4Page - Analog Devices OP183GS Datasheet HTML 5Page - Analog Devices OP183GS Datasheet HTML 6Page - Analog Devices OP183GS Datasheet HTML 7Page - Analog Devices OP183GS Datasheet HTML 8Page - Analog Devices OP183GS Datasheet HTML 9Page - Analog Devices OP183GS Datasheet HTML 10Page - Analog Devices OP183GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP183
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
80
70
60
50
40
30
20
10
0
–600
–400
–200
0
200
400
600
INPUT OFFSET VOLTAGE (
μV)
VS = 5V
300X
OP AMPS
Figure 2. OP183 Input Offset Voltage Distribution @ 5 V
80
70
60
50
40
30
20
10
0
–600
–400
–200
0
200
400
600
INPUT OFFSET VOLTAGE (
μV)
VS = 5V
300X
OP AMPS
Figure 3. OP183 Input Offset Voltage Distribution @ ±15 V
160
140
120
100
80
60
40
20
0
02
4
6
8
10
1
TCVOS (μV/°C)
2
–40°C = TA +85°C
300X OP AMPS
PLASTIC PACKAGE
Figure 4. OP183 Input Offset Voltage Drift (TCVOS) Distribution @ 5 V
160
140
120
100
80
60
40
20
0
02
4
6
8
10
1
TCVOS (μV/°C)
2
–40°C = TA +85°C
300X OP AMPS
PLASTIC PACKAGE
Figure 5. OP183 Input Offset Voltage Drift (TCVOS) Distribution @ ±15 V
3
2
1
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = 25°C
RL = 2kΩ
VS = 3V
Figure 6. OP183 Maximum Output Swing vs. Frequency @ 3 V
3
2
1
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = 25°C
RL = 2kΩ
VS = 5V
5
4
Figure 7. OP183 Maximum Output Swing vs. Frequency @ 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com